Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 15Page - Dallas Semiconductor DS2148T Datasheet HTML 16Page - Dallas Semiconductor DS2148T Datasheet HTML 17Page - Dallas Semiconductor DS2148T Datasheet HTML 18Page - Dallas Semiconductor DS2148T Datasheet HTML 19Page - Dallas Semiconductor DS2148T Datasheet HTML 20Page - Dallas Semiconductor DS2148T Datasheet HTML 21Page - Dallas Semiconductor DS2148T Datasheet HTML 22Page - Dallas Semiconductor DS2148T Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
DS2148/Q48
19 of 75
ACRONYM
PIN
I/O
DESCRIPTION
TCLK
43
I
Transmit Clock. A 2.048 MHz or 1.544 MHz primary clock. Used
to clock data through the transmit side formatter.
TEST
26
I
3-State Control. Set high to 3-state all outputs and I/O pins
(including the parallel control port). Set low for normal operation.
Useful in board level testing.
TNEG
42
I
Transmit Negative Data. Sampled on the falling edge (CES = 0) or
the rising edge (CES = 1) of TCLK for data to be transmitted out
onto the line.
TPD
13
I
Transmit Power-Down.
0 = normal transmitter operation
1 = powers down the transmitter and 3-states the TTIP and TRING
pins
TPOS
41
I
Transmit Positive Data. Sampled on the falling edge (CES = 0) or
the rising edge (CES = 1) of TCLK for data to be transmitted out
onto the line.
TTIP/
TRING
34/
37
O
Transmit Tip and Ring [TTIP & TRING]. Analog line driver
outputs. These pins connect via a step-up transformer to the line. See
Section 7 for details.
TX0/
TX1
14/
15
I
Transmit Data Source Select Bits 0 & 1 [H/W Mode]. These
inputs determine the source of the transmit data. See Table 4-6.
VDD
21/
36
-
Positive Supply. 5.0V ±5%
VSM
20
I
Voltage Supply Mode. Should be tied high for 5V operation
VSS
22/
35
-
Signal Ground.
NOTES:
1) G.703 requires an accuracy of ±50ppm for both T1 and E1. TR62411 and ANSI specs require an
accuracy of ±32ppm for T1 interfaces.
2) * Denotes active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com