Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 26Page - Dallas Semiconductor DS2148T Datasheet HTML 27Page - Dallas Semiconductor DS2148T Datasheet HTML 28Page - Dallas Semiconductor DS2148T Datasheet HTML 29Page - Dallas Semiconductor DS2148T Datasheet HTML 30Page - Dallas Semiconductor DS2148T Datasheet HTML 31Page - Dallas Semiconductor DS2148T Datasheet HTML 32Page - Dallas Semiconductor DS2148T Datasheet HTML 33Page - Dallas Semiconductor DS2148T Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
DS2148/Q48
30 of 75
CCR3 (02H): COMMON CONTROL REGISTER 3
(MSB)
(LSB)
TUA1
ATUA1
TAOZ
TPRBSE
TLCE
LIRST
IBPV
IBE
SYMBOL
POSITION
DESCRIPTION
TUA1
CCR3.7
Transmit Unframed All Ones. The polarity of this bit is set
such that the device will transmit an all ones pattern on power-
up or device reset. This bit must be set to a one to allow the
device to transmit data. The transmission of this data pattern is
always timed off of the JACLK (See Figure 3-1).
0 = transmit all ones at TTIP and TRING
1 = transmit data normally
ATUA1
CCR3.6
Automatic Transmit Unframed All Ones. Automatically
transmit an unframed all ones pattern at TTIP and TRING
during a receive carrier loss (RCL) condition or a receive all
ones condition.
0 = disabled
1 = enabled
TAOZ
CCR3.5
Transmit Alternate Ones and Zeros. Transmit a …101010…
pattern at TTIP and TRING. The transmission of this data
pattern is always timed off of TCLK (Figure 3-1).
0 = disabled
1 = enabled
TPRBSE
CCR3.4
Transmit PRBS Enable. Transmit a 215 - 1 (E1) or a 220 - 1
(T1) PRBS at TTIP and TRING. See figure 3-3.
0 = disabled
1 = enabled
TLCE
CCR3.3
Transmit Loop Code Enable. Enables the transmit side to
transmit the loop up code in the Transmit Code Definition
registers (TCD1 and TCD2). See Section 6 and figure 3-3 for
details.
0 = disabled
1 = enabled
LIRST
CCR3.2
Line Interface Reset. Setting this bit from a zero to a one will
initiate an internal reset that resets the clock recovery state
machine and re-centers the jitter attenuator. Normally this bit is
only toggled on power-up. Must be cleared and set again for a
subsequent reset.
IBPV
CCR3.1
Insert BPV. A 0 to 1 transition on this bit will cause a single
BiPolar Violation (BPV) to be inserted into the transmit data
stream. Once this bit has been toggled from a 0 to a 1, the
device waits for the next occurrence of three consecutive ones
to insert the BPV. This bit must be cleared and set again for a
subsequent error to be inserted. See figure 3-3.
IBE
CCR3.0
Insert Bit Error. A 0 to 1 transition on this bit will cause a
single logic error to be inserted into the transmit data stream.
This bit must be cleared and set again for a subsequent error to
be inserted. See Figure 3-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com