Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 19Page - Dallas Semiconductor DS2148T Datasheet HTML 20Page - Dallas Semiconductor DS2148T Datasheet HTML 21Page - Dallas Semiconductor DS2148T Datasheet HTML 22Page - Dallas Semiconductor DS2148T Datasheet HTML 23Page - Dallas Semiconductor DS2148T Datasheet HTML 24Page - Dallas Semiconductor DS2148T Datasheet HTML 25Page - Dallas Semiconductor DS2148T Datasheet HTML 26Page - Dallas Semiconductor DS2148T Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
DS2148/Q48
23 of 75
5.1
Register Map
REGISTER MAP Table 5-1
ACRONYM
REGISTER NAME
R/W
PARALLEL
PORT MODE
SERIAL
PORT MODE
See Notes 2–5
(msb)
(lsb)
CCR1
Common Control Register 1
R/W
00h
B000 000A
CCR2
Common Control Register 2
R/W
01h
B000 001A
CCR3
Common Control Register 3
R/W
02h
B000 010A
CCR4
Common Control Register 4
R/W
03h
B000 011A
CCR5
Common Control Register 5
R/W
04h
B000 100A
CCR6
Common Control Register 6
R/W
05h
B000 101A
SR
Status Register
R
06h
B000 110A
IMR
Interrupt Mask Register
R/W
07h
B000 111A
RIR1
Receive Information Register 1
R
08h
B001 000A
RIR2
Receive Information Register 2
R
09h
B001 001A
IBCC
In-Band Code Control Register
R/W
0Ah
B001 010A
TCD1
Transmit Code Definition
Register 1
R/W
0Bh
B001 011A
TCD2
Transmit Code Definition
Register 2
R/W
0Ch
B001 100A
RUPCD1
Receive Up Code Definition
Register 1
R/W
0Dh
B001 101A
RUPCD2
Receive Up Code Definition
Register 2
R/W
0Eh
B001 110A
RDNCD1
Receive Down Code Definition
Register 1
R/W
0Fh
B001 111A
RDNCD2
Receive Down Code Definition
Register 2
R/W
10h
B010 000A
ECR1
Error Count Register 1
R
11h
B010 001A
ECR2
Error Count Register 2
R
12h
B010 010A
TEST1
Test 1
R/W
13h
B010 011A
TEST2
Test 2
R/W
14h
B010 100A
TEST3
Test 3
R/W
15h
B010 101A
–
–
–
Note 1
–
NOTES:
1) Register addresses 16h to 1Fh do not exist.
2) In the Serial Port Mode, the LSB is on the right hand side.
3) In the Serial Port Mode, data is read and written LSB first.
4) In the Serial Port Mode, the A bit (the LSB) determines whether the access is a read (A = 1) or a write
(A = 0).
5) In the Serial Port Mode, the B bit (the MSB) determines whether the access is a burst access (B = 1)
or a single register access (B = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com