Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 35 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 35 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 31Page - Dallas Semiconductor DS2148T Datasheet HTML 32Page - Dallas Semiconductor DS2148T Datasheet HTML 33Page - Dallas Semiconductor DS2148T Datasheet HTML 34Page - Dallas Semiconductor DS2148T Datasheet HTML 35Page - Dallas Semiconductor DS2148T Datasheet HTML 36Page - Dallas Semiconductor DS2148T Datasheet HTML 37Page - Dallas Semiconductor DS2148T Datasheet HTML 38Page - Dallas Semiconductor DS2148T Datasheet HTML 39Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
DS2148/Q48
35 of 76
SYMBOL
POSITION
DESCRIPTION
Figure 3-1 and section 8-2.3 for more details.
0 = loopback disabled
1 = loopback enabled
RJAB
CCR6.3
RCLK Jitter Attenuator Bypass. This control bit allows the
recovered received clock and data to bypass the jitter
attenuation while still allowing the BPCLK output to use the
jitter attenuator. See Figure 3-1 and section 9-1 for details.
0 = disabled
1 = enabled
ECRS2
CCR6.2
Error Count Register Select 2. See Section 8.4 for details.
ECRS1
CCR6.1
Error Count Register Select 1. See Section 8.4 for details.
ECRS0
CCR6.0
Error Count Register Select 0. See Section 8.4 for details.
7. STATUS REGISTERS
There are three registers that contain information on the current real-time status of the device, status
register (SR), and receive information registers 1 and 2 (RIR1/RIR2). When a particular event has
occurred (or is occurring), the appropriate bit in one of these three registers will be set to a one. Some of
the bits in SR, RIR1, and RIR2 are latched bits and some are real-time bits. The register descriptions
below list which status bits are latched and which are real-time bits. For latched status bits, when an event
or an alarm occurs the bit is set to a one and will remain set until the user reads that bit. The bit will be
cleared when it is read and it will not be set again until the event has occurred again. Two of the latched
status bits (RUA1 & RCL) will remain set after reading if the alarm is still present.
The user will always precede a read of any of the three status registers with a write. The byte written to
the register will inform the DS2148 which bits the user wishes to read and have cleared. The user will
write a byte to one of these registers with a one in the bit positions to be read and a zero in the other bit
positions. When a one is written to a bit location, that location will be updated with the latest information.
When a zero is written to a bit position, that bit position will not be updated and the previous value will
be held. A write to the status and information registers will be immediately followed by a read of the
same register. The read result should be logically AND’ed with the mask byte that was just written and
this value should be written back into the same register to ensure that bit does indeed clear. This second
write step is necessary because the alarms and events in the status registers occur asynchronously with
respect to their access via the parallel port. This write-read-write scheme allows an external
microcontroller or microprocessor to individually poll certain bits without disturbing the other bits in the
register. This operation is key in controlling the DS2148 with higher-order software languages.
The bits in the SR register have the unique ability to initiate a hardware interrupt via the INT* output pin.
Each of the alarms and events in the SR can be either masked or unmasked from the interrupt pin via the
interrupt mask register (IMR). The interrupts caused by the RCL, RUA1, and LOTC bits in SR act
differently than the interrupts caused by the other status bits in SR. The RCL, RUA1 and LOTC bits will
force the INT* pin low whenever they change state (i.e., go active or inactive). The INT* pin will be
allowed to return high (if no other interrupts are present) when the user reads the alarm bit that caused the
interrupt to occur even if the alarm is still present. The other status bits in SR can force the INT* pin low
when they are set. The INT* pin will be allowed to return high (if no other interrupts are present) when
the user reads the event bit that caused the interrupt to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com