Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 49 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 49 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 45Page - Dallas Semiconductor DS2148T Datasheet HTML 46Page - Dallas Semiconductor DS2148T Datasheet HTML 47Page - Dallas Semiconductor DS2148T Datasheet HTML 48Page - Dallas Semiconductor DS2148T Datasheet HTML 49Page - Dallas Semiconductor DS2148T Datasheet HTML 50Page - Dallas Semiconductor DS2148T Datasheet HTML 51Page - Dallas Semiconductor DS2148T Datasheet HTML 52Page - Dallas Semiconductor DS2148T Datasheet HTML 53Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
DS2148/Q48
49 of 75
9.4
G.703 Synchronization Signal
The DS2148 is capable of receiving a 2.048MHz square-wave synchronization clock as specified in
section 13 of ITU G.703 (10/98). To use the DS2148 in this mode, set the receive synchronization clock
enable (CCR5.3) = 1. The DS2148 can also transmit the 2.048MHz square-wave synchronization clock as
specified in Section 10 of G.703. To transmit the 2.048MHz clock, set the transmit synchronization clock
enable (CCR5.2) = 1.
LINE BUILD OUT SELECT FOR E1 IN REGISTER CCR4 (ETS = 0) Table 9-1
L2
L1
L0
VDD
APPLICATION
N
RETURN LOSS
Rt
0
0
0
5V
75
W normal
1:1.36
NM
0
W
0
0
1
5V
120
W normal
1:1.36
NM
0
W
1
0
0
5V
75
W w/ high return loss
1:1.36
21 dB
18
W
1
0
1
5V
120
W w/ high return loss 1:1.36
21 dB
27
W
Note: See Figure 9-1, Figure 9-2, and Figure 9-3.
LINE BUILD OUT SELECT FOR T1 IN REGISTER CCR4 (ETS = 1) Table 9-2
L2
L1
L0
VDD
APPLICATION
N
RETURN LOSS
Rt
0
0
0
5V
DSX-1 (0 to 133 feet) /
0 DB CSU
1:1.36
NM
0
W
0
0
1
5V
DSX-1 (133 to 266 feet)
1:1.36
NM
0
W
0
1
0
5V
DSX-1 (266 to 399 feet)
1:1.36
NM
0
W
0
1
1
5V
DSX-1 (399 to 533 feet)
1:1.36
NM
0
W
1
0
0
5V
DSX-1 (533 to 655 feet)
1:1.36
NM
0
W
1
0
1
5V
-7.5dB CSU
1:1.36
NM
0
W
1
1
0
5V
-15dB CSU
1:1.36
NM
0
W
1
1
1
5V
-22.5dB CSU
1:1.36
NM
0
W
Note: See Figure 9-1, Figure 9-2, and Figure 9-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com