Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 8Page - Dallas Semiconductor DS2148T Datasheet HTML 9Page - Dallas Semiconductor DS2148T Datasheet HTML 10Page - Dallas Semiconductor DS2148T Datasheet HTML 11Page - Dallas Semiconductor DS2148T Datasheet HTML 12Page - Dallas Semiconductor DS2148T Datasheet HTML 13Page - Dallas Semiconductor DS2148T Datasheet HTML 14Page - Dallas Semiconductor DS2148T Datasheet HTML 15Page - Dallas Semiconductor DS2148T Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
DS2148/Q48
12 of 75
ACRONYM
PIN
I/O
DESCRIPTION
RCLK
40
O
Receive Clock. Buffered recovered clock from the line.
Synchronous to MCLK in absence of signal at RTIP and RRING.
RD*
(DS*)
2
I
Read Input (Data Strobe). RD* and DS* are active low signals.
DS active low when in nonmultiplexed, Motorola mode. See the Bus
Timing Diagrams in Section 12.
RCL/
LOTC
25
O
Receive Carrier Loss/Loss of Transmit Clock. An output which
will toggle high during a receive carrier loss (CCR2.7 = 0) or will
toggle high if the TCLK pin has not been toggled for 5
msec ± 2msec
(CCR2.7 = 1). CCR2.7 defaults to logic 0 when in hardware mode.
RNEG
39
O
Receive Negative Data. Updated on the rising edge (CCR2.0 = 0)
or the falling edge (CCR2.0 = 1) of RCLK with the bipolar data out
of the line interface. Set NRZE (CCR1.6) to a one for NRZ
applications. In NRZ mode, data will be output on RPOS while a
received error will cause a positive-going pulse synchronous with
RCLK at RNEG. See Section 8.4 for details.
RPOS
38
O
Receive Positive Data. Updated on the rising edge (CCR2.0 = 0) or
the falling edge (CCR2.0 = 1) of RCLK with bipolar data out of the
line interface. Set NRZE (CCR1.6) to a one for NRZ applications. In
NRZ mode, data will be output on RPOS while a received error will
cause a positive-going pulse synchronous with RCLK at RNEG. See
Section 8.4 for details.
RTIP/
RRING
27/
28
I
Receive Tip and Ring. Analog inputs for clock recovery circuitry.
These pins connect via a 1:1 transformer to the line. See Section 7
for details.
TCLK
43
I
Transmit Clock. A 2.048MHz or 1.544MHz primary clock. Used to
clock data through the transmit side formatter. Can be sourced
internally by MCLK or RCLK. See Common Control Register 1 and
Figure 3-3.
TEST
26
I
3-state Control. Set high to 3-state all outputs and I/O pins
(including the parallel control port). Set low for normal operation.
Useful in board level testing.
TNEG
42
I
Transmit Negative Data. Sampled on the falling edge (CCR2.1 =
0) or the rising edge (CCR2.1 = 1) of TCLK for data to be
transmitted out onto the line.
TPOS
41
I
Transmit Positive Data. Sampled on the falling edge (CCR2.1 = 0)
or the rising edge (CCR2.1 = 1) of TCLK for data to be transmitted
out onto the line.
TTIP/
TRING
34/
37
O
Transmit Tip and Ring [TTIP & TRING]. Analog line driver
outputs. These pins connect via a step-up transformer to the line. See
Section 7 for details.
VDD
21/
36
-
Positive Supply. 5.0V ±5%
VSM
20
I
Voltage Supply Mode. Should be tied high for 5V operation
VSS
22/
35
-
Signal Ground.
WR*
(R/W*)
3
I
Write Input (Read/Write). WR* is an active low signal. See the
Bus Timing Diagrams in Section 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com