Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 30Page - Dallas Semiconductor DS2148T Datasheet HTML 31Page - Dallas Semiconductor DS2148T Datasheet HTML 32Page - Dallas Semiconductor DS2148T Datasheet HTML 33Page - Dallas Semiconductor DS2148T Datasheet HTML 34Page - Dallas Semiconductor DS2148T Datasheet HTML 35Page - Dallas Semiconductor DS2148T Datasheet HTML 36Page - Dallas Semiconductor DS2148T Datasheet HTML 37Page - Dallas Semiconductor DS2148T Datasheet HTML 38Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
DS2148/Q48
34 of 76
INTERNAL RX TERMINATION SELECT Table 6-5
RT1
(CCR5.1)
RT0
(CCR5.0)
INTERNAL RECEIVE
TERMINATION CONFIGURATION
0
0
Internal receive-side termination disabled
0
1
Internal receive-side 120
W enabled
1
0
Internal receive-side 100
W enabled
1
1
Internal receive-side 75
W enabled
CCR6 (05H): COMMON CONTROL REGISTER 6
(MSB)
(LSB)
LLB
RLB
ARLBE
ALB
RJAB
ECRS2
ECRS1
ECRS0
SYMBOL
POSITION
DESCRIPTION
LLB
CCR6.7
Local Loopback. In Local Loopback (LLB), transmit data will
be looped back to the receive path passing through the jitter
attenuator if it is enabled. Data in the transmit path will act as
normal. See Figure 3-1 (DS2148 BLOCK DIAGRAM Figure
3-1 and section 8-2.2 for details.
0 = loopback disabled
1 = loopback enabled
RLB
CCR6.6
Remote Loopback. In Remote Loopback (RLB), data output
from the clock/data recovery circuitry will be looped back to the
transmit path passing through the jitter attenuator if it is
enabled. Data in the receive path will act as normal while data
presented at TPOS and TNEG will be ignored. See Figure 3-1
(DS2148 BLOCK DIAGRAM Figure 3-1 and section 8-2.1 for
details.
0 = loopback disabled
1 = loopback enabled
ARLBE
CCR6.5
Automatic Remote Loopback Enable and Reset. When this
bit is set high, the device will automatically go into remote
loopback when it detects loop-up code programmed into the
receive loop-up code definition registers (RUPCD1 and
RUPCD2) for a minimum of 5 seconds and it will also set the
RIR2.1 status bit. Once in a RLB state, it will remain in this
state until it has detected the loop code programmed into the
receive loop-down code definition registers (RDNCD1 and
RDNCD2) for a minimum of 5 seconds at which point it will
force the device out of RLB and clear RIR2.1. Toggling this bit
from a 1 to a 0 can reset the automatic RLB circuitry. The
action of the automatic remote loopback circuitry is logically
OR’ed with the RLB (CCR6.6) control bit (i.e., either one can
cause a RLB to occur).
ALB
CCR6.4
Analog Loopback. In analog loopback (ALB), signals at TTIP
and TRING will be internally connected to RTIP and RRING.
The incoming signals, from the line, at RTIP and RRING will
be ignored. The signals at TTIP and TRING will be transmitted
as normal. See Figure 3-1 (DS2148 BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com