Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 46 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 46 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 42Page - Dallas Semiconductor DS2148T Datasheet HTML 43Page - Dallas Semiconductor DS2148T Datasheet HTML 44Page - Dallas Semiconductor DS2148T Datasheet HTML 45Page - Dallas Semiconductor DS2148T Datasheet HTML 46Page - Dallas Semiconductor DS2148T Datasheet HTML 47Page - Dallas Semiconductor DS2148T Datasheet HTML 48Page - Dallas Semiconductor DS2148T Datasheet HTML 49Page - Dallas Semiconductor DS2148T Datasheet HTML 50Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
DS2148/Q48
46 of 75
FUNCTION OF ECRS BITS AND RNEG PIN Table 8-4
E1 or T1
(CCR1.7)
ECRS2
(CCR6.2)
ECRS1
(CCR6.1)
ECRS0
(CCR6.0)
RHBE
(CCR2.3)
FUNCTION OF ECR
COUNTERS/RNEG1
0
0
0
0
X
CVs
0
0
0
1
X
BPVs (HDB3 code words not counted)
0
0
1
0
X
CVs + EXZs
0
0
1
1
X
BPVs + EXZs
1
0
X
0
0
BPVs (B8ZS code words not counted)
1
0
X
1
0
BPVs + 8 EXZs
1
0
X
0
1
BPVs
1
0
X
1
1
BPVs + 16 EXZs
X
1
X
X
X
PRBS Errors2
NOTES:
1) RNEG outputs error data only when in NRZ mode (CCR1.6 = 1).
2) PRBS errors will always be output at PBEO independent of ECR control bits and NRZ mode and will
not be present at RNEG.
8.4.1 Error Counter Update
A transition of the ECUE (CCR1.4) control bit from 0 to 1 will update the ECR registers with the current
values and reset the counters. ECUE must be set back to zero and another 0 to 1 transition must occur for
subsequent reads/resets of the ECR registers. Note that the DS2148 can report errors at RNEG when in
NRZ mode (CCR1.6 = 1) by outputting a pulse for each error occurrence. The counter saturates at 65,535
and will not rollover.
ECR1 (11H): UPPER ERROR COUNT REGISTER 1
ECR2 (12H): LOWER ERROR COUNT REGISTER 2
(MSB)
(LSB)
E15
E14
E13
E12
E11
E10
E9
E8
ECR1
E7
E6
E5
E4
E3
E2
E1
E0
ECR2
SYMBOL
POSITION
DESCRIPTION
E15
ECR1.7
MSB of the 16-bit error count
E0
ECR2.0
LSB of the 16-bit error count
8.5
Error Insertion
When IBPV (CCR3.1) is transitioned from a zero to a one, the device waits for the next occurrence of
three consecutive ones to insert a BPV. IBPV must be cleared and set again for another BPV error
insertion. See figure 3-3 for details on the insertion of the BPV into the datastream.
When IBE (CCR3.0) is transitioned from a zero to a one, the device will insert a logic error. IBE must be
cleared and set again for another logic error insertion. See figure 3-3 for details on the insertion of the
logic error into the datastream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com