Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 44 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 44 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 40Page - Dallas Semiconductor DS2148T Datasheet HTML 41Page - Dallas Semiconductor DS2148T Datasheet HTML 42Page - Dallas Semiconductor DS2148T Datasheet HTML 43Page - Dallas Semiconductor DS2148T Datasheet HTML 44Page - Dallas Semiconductor DS2148T Datasheet HTML 45Page - Dallas Semiconductor DS2148T Datasheet HTML 46Page - Dallas Semiconductor DS2148T Datasheet HTML 47Page - Dallas Semiconductor DS2148T Datasheet HTML 48Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
DS2148/Q48
44 of 75
RDNCD2 (10H): RECEIVE DOWN CODE DEFINITION REGISTER 2
(MSB)
(LSB)
C15
C14
C13
C12
C11
C10
C9
C8
SYMBOL
POSITION
DESCRIPTION
C15
RDNCD2.7
Receive Down Code Definition Bit 15
C14
RDNCD2.6
Receive Down Code Definition Bit 14
C13
RDNCD2.5
Receive Down Code Definition Bit 13
C12
RDNCD2.4
Receive Down Code Definition Bit 12
C11
RDNCD2.3
Receive Down Code Definition Bit 11
C10
RDNCD2.2
Receive Down Code Definition Bit 10
C9
RDNCD2.1
Receive Down Code Definition Bit 9
C8
RDNCD2.0
Receive Down Code Definition Bit 8
8.2
Loopbacks
8.2.1 Remote Loopback (RLB)
When RLB (CCR6.6) is enabled, the DS2148 is placed into remote loopback. In this loopback, data from
the clock/data recovery state machine will be looped back to the transmit path passing through the jitter
attenuator if it is enabled. The data at the RPOS and RNEG pins will be valid while data presented at
TPOS and TNEG will be ignored (Figure 3-1).
If the Automatic Remote Loop Back Enable (CCR6.5) is set to a one, the DS2148 will automatically go
into remote loop back when it detects the loop up code programmed in the Receive Up Code Definition
Registers (RUPCD1 and RUPCD2) for a minimum of 5 seconds. When the DS2148 detects the loop
down code programmed in the Receive Loop Down Code Definition registers (RDNCD1 and RDNCD2)
for a minimum of 5 seconds, the DS2148 will come out of remote loop back. Setting ARLBE to a zero
also can disable the ARLB.
8.2.2 Local Loopback (LLB)
When LLB (CCR6.7) is set to a one, the DS2148 is placed into local loopback. In this loopback, data on
the transmit-side will continue to be transmitted as normal. TCLK and TPOS/TNEG will pass through the
jitter attenuator (if enabled) and be output at RCLK and RPOS/RNEG. Incoming data from the line at
RTIP and RRING will be ignored. If Transmit Unframed All Ones (CCR3.7) is set to a one while in LLB,
TTIP and TRING will transmit all ones while TCLK and TPOS/TNEG will be looped back to RCLK and
RPOS/RNEG (Figure 3-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com