Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 47 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 47 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 43Page - Dallas Semiconductor DS2148T Datasheet HTML 44Page - Dallas Semiconductor DS2148T Datasheet HTML 45Page - Dallas Semiconductor DS2148T Datasheet HTML 46Page - Dallas Semiconductor DS2148T Datasheet HTML 47Page - Dallas Semiconductor DS2148T Datasheet HTML 48Page - Dallas Semiconductor DS2148T Datasheet HTML 49Page - Dallas Semiconductor DS2148T Datasheet HTML 50Page - Dallas Semiconductor DS2148T Datasheet HTML 51Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
DS2148/Q48
47 of 75
9. ANALOG INTERFACE
9.1
Receiver
The DS2148 contains a digital clock recovery system. The DS2148 couples to the receive E1 or T1
twisted pair (or coaxial cable in 75Ω E1 applications) via a 1:1 transformer. See Table 9-3 or transformer
details. Figure 9-1, Figure 9-2, and Figure 9-3 along with Table 9-1 and Table 9-2 show the receive
termination requirements. The DS2148 has the option of using internal termination resistors.
The DS2148 is designed to be fully software-selectable for E1 and T1 without the need to change any
external resistors for the receive-side. The receive-side will allow the user to configure the DS2148 for
75Ω, 100Ω, or 120Ω receive termination by setting the RT1 (CCR5.1) and RT0 (CCR5.0) bits. When
using the internal termination feature, the Rr resistors should be 60Ω each (Figure 9-1). If external
termination is required, RT1 and RT0 should be set to 0 and both Rr resistors in Figure 9-1 will need to
be 37.5Ω, 50Ω, or 60Ω each depending on the line impedance.
The resultant E1 or T1 clock derived from the 2.048/1.544 PLL (JACLK in Figure 3-1) is internally
multiplied by 16 via another internal PLL and fed to the clock recovery system. The clock recovery
system uses the clock from the PLL circuit to form a 16 times oversampler, which is used to recover the
clock and data. This oversampling technique offers outstanding performance to meet jitter tolerance
specifications shown in Figure 9-6.
Normally, the clock that is output at the RCLK pin is the recovered clock from the E1 AMI/HDB3 or T1
AMI/B8ZS waveform presented at the RTIP and RRING inputs. When no signal is present at RTIP and
RRING, a Receive Carrier Loss (RCL) condition will occur and the RCLK will be derived from the
JACLK source (Figure 3-1). If the jitter attenuator is placed in the receive path (as is the case in most
applications), the jitter attenuator restores the RCLK to an approximate 50% duty cycle. If the jitter
attenuator is either placed in the transmit path or is disabled, the RCLK output can exhibit slightly shorter
high cycles of the clock. This is due to the highly oversampled digital clock recovery circuitry. See the
Receive AC Timing Characteristics in Section 12 for more details.
The receive-side circuitry also contains a clock synthesizer which outputs a user configurable clock (up to
16.384MHz) synthesized to RCLK at BPCLK (pin 31). See Table 6-3 for details on output clock
frequencies at BPCLK. In hardware mode, BPCLK defaults to a 16.384MHz output.
The DS2148 has a bypass mode for the receive side clock and data. This allows the BPCLK to be
derived from RCLK after the jitter attenuator while the clock and data presented at RCLK, RPOS, and
RNEG go unaltered. This is intended for applications where the receive side jitter attenuation will be
done after the LIU. Setting RJAB (CCR6.3) to a logic 1 will enable the bypass. Be sure that the jitter
attenuator is in the receive path (CCR4.3 = 0). See Figure 3-1 for details.
The DS2148 will report the signal strength at RTIP and RRING in 2.5dB increments via RL3-RL0
located in the Receive Information Register 2. This feature is helpful when trouble shooting line
performance problems. See Table 7-2 for details.
Monitor applications in both E1 and T1 require various flat gain settings for the receive-side circuitry.
The DS2148 can be programmed to support these applications via the Monitor Mode control bits MM1
and MM0. When the monitor modes are enabled, the receiver will tolerate normal line loss up to –6dB.
See Table 6-4 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com