Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 61 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 61 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 57Page - Dallas Semiconductor DS2148T Datasheet HTML 58Page - Dallas Semiconductor DS2148T Datasheet HTML 59Page - Dallas Semiconductor DS2148T Datasheet HTML 60Page - Dallas Semiconductor DS2148T Datasheet HTML 61Page - Dallas Semiconductor DS2148T Datasheet HTML 62Page - Dallas Semiconductor DS2148T Datasheet HTML 63Page - Dallas Semiconductor DS2148T Datasheet HTML 64Page - Dallas Semiconductor DS2148T Datasheet HTML 65Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
DS2148/Q48
61 of 75
11.
DC CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Voltage Range on Any Pin Relative to Ground
-1.0V to +6.0V
Operating Temperature Range for DS2148TN
-40
°C to +85°C
Storage Temperature Range
See J-STD-020A specification
* This is a stress rating only and functional operation of the device at these or any other conditions
beyond those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time can affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
5.5
V
Logic 0
VIL
–0.3
+0.8
V
Supply for 5V Operation
VDD
4.75
5
5.25
V
1
CAPACITANCE
(TA = +25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF
DC CHARACTERISTICS
(-40
°C to +85°C; VDD = 5.0V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
IIL
–1.0
+1.0
mA
3
Output Leakage
ILO
1.0
mA
4
Output Current (2.4V)
IOH
–1.0
mA
Output Current (0.4V)
IOL
+4.0
mA
Supply Current
IDD
-
95
125
MA
2, 5
NOTES:
1) Applies to VDD.
2) TCLK = MCLK = 2.048MHz.
3) 0.0V < VIN < VDD.
4) Applied to INT* when 3-stated.
5) Power dissipation with TTIP and TRING driving a 30
W load, for an all one’s data density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com