Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 124 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 124 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 120Page - Cirrus Logic WM8310 Datasheet HTML 121Page - Cirrus Logic WM8310 Datasheet HTML 122Page - Cirrus Logic WM8310 Datasheet HTML 123Page - Cirrus Logic WM8310 Datasheet HTML 124Page - Cirrus Logic WM8310 Datasheet HTML 125Page - Cirrus Logic WM8310 Datasheet HTML 126Page - Cirrus Logic WM8310 Datasheet HTML 127Page - Cirrus Logic WM8310 Datasheet HTML 128Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
124
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1 = AUXADCIN1
2 = AUXADCIN2
3 = AUXADCIN3
4 = AUXADCIN4
5 = Chip Temperature
6 = Battery Temperature
7 = SYSVDD voltage
12
DCMP1_GT
0
Digital Comparator 1 interrupt control
0 = interrupt when less than threshold
1 = interrupt when greater than or equal
to threshold
11:0
DCMP1_THR
000h
Digital Comparator 1 threshold
(12-bit unsigned binary number; coding
is the same as AUX_DATA)
R16434 (4032h)
Comparator 2
15:13
DCMP2_SRC
[2:0]
000
Digital Comparator 2 source select
0 = WALL voltage
1 = AUXADCIN1
2 = AUXADCIN2
3 = AUXADCIN3
4 = AUXADCIN4
5 = Chip Temperature
6 = Battery Temperature
7 = SYSVDD voltage
12
DCMP2_GT
0
Digital Comparator 2 interrupt control
0 = interrupt when less than threshold
1 = interrupt when greater than or equal
to threshold
11:0
DCMP2_THR
000h
Digital Comparator 2 threshold
(12-bit unsigned binary number; coding
is the same as AUX_DATA)
R16435 (4033h)
Comparator 3
15:13
DCMP3_SRC
[2:0]
000
Digital Comparator 3 source select
0 = BATT voltage
1 = AUXADCIN1
2 = AUXADCIN2
3 = AUXADCIN3
4 = AUXADCIN4
5 = Chip Temperature
6 = Battery Temperature
7 = SYSVDD voltage
12
DCMP3_GT
0
Digital Comparator 3 interrupt control
0 = interrupt when less than threshold
1 = interrupt when greater than or equal
to threshold
11:0
DCMP3_THR
000h
Digital Comparator 3 threshold
(12-bit unsigned binary number; coding
is the same as AUX_DATA)
R16436 (4034h)
Comparator 4
15:13
DCMP4_SRC
[2:0]
000
Digital Comparator 4 source select
0 = Reserved
1 = AUXADCIN1
2 = AUXADCIN2
3 = AUXADCIN3
4 = AUXADCIN4
5 = Chip Temperature
6 = Battery Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com