Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 128 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 128 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 124Page - Cirrus Logic WM8310 Datasheet HTML 125Page - Cirrus Logic WM8310 Datasheet HTML 126Page - Cirrus Logic WM8310 Datasheet HTML 127Page - Cirrus Logic WM8310 Datasheet HTML 128Page - Cirrus Logic WM8310 Datasheet HTML 129Page - Cirrus Logic WM8310 Datasheet HTML 130Page - Cirrus Logic WM8310 Datasheet HTML 131Page - Cirrus Logic WM8310 Datasheet HTML 132Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
128
20.3 RTC INTERRUPTS
The Real Time Clock (RTC) is associated with two Interrupt event flags.
The RTC_PER_EINT interrupt is set each time a periodic timeout occurs. The periodic timeout is
configured using the RTC_PINT_FREQ field described in Table 71.
The RTC_ALM_EINT interrupt is set when the RTC Alarm is triggered. The RTC Alarm time is
configured as described in Section 20.2.
Each of these secondary interrupts triggers a primary Real Time Clock Interrupt, RTC_INT (see
Section 23). This can be masked by setting the mask bit(s) as described in Table 70.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
3
RTC_PER_EINT
RTC Periodic interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
2
RTC_ALM_EINT
RTC Alarm interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
3
IM_RTC_PER_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
2
IM_RTC_ALM_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 70 Real Time Clock (RTC) Interrupts
The frequency of the RTC periodic interrupts is set by the RTC_PINT_FREQ field, as described in
Table 71.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16421
(4025h)
RTC Control
6:4
RTC_PINT_FREQ
[2:0]
000
RTC Periodic Interrupt timeout period
000 = Disabled
001 = 2s
010 = 4s
011 = 8s
100 = 16s
101 = 32s
110 = 64s
111 = 128s
Table 71 Real Time Clock (RTC) Periodic Interrupt Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com