Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 132 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 132 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 128Page - Cirrus Logic WM8310 Datasheet HTML 129Page - Cirrus Logic WM8310 Datasheet HTML 130Page - Cirrus Logic WM8310 Datasheet HTML 131Page - Cirrus Logic WM8310 Datasheet HTML 132Page - Cirrus Logic WM8310 Datasheet HTML 133Page - Cirrus Logic WM8310 Datasheet HTML 134Page - Cirrus Logic WM8310 Datasheet HTML 135Page - Cirrus Logic WM8310 Datasheet HTML 136Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
132
GPn_FN
GPIO OUTPUT
FUNCTION
DESCRIPTION
Ch
System Supply
Good (SYSVDD
Good)
Logic output from SYSVDD monitoring circuit. This function
represents the internal SYSOK signal. See Section 24.4.
Dh
Converter Power
Good
(PWR_GOOD)
Status output indicating that all selected DC-DC Converters and
LDO Regulators are operating correctly. Only asserted in ON
and SLEEP modes. See Section 15.14.
Eh
External Power
Clock
2MHz clock output suitable for clocking external DC-DC
Converters. This clock signal is synchronized with the WM8310
DC-DC Converters clocking signal. See Section 13.
This clock output is only enabled when either of the External
Power Enable signals (EPE1 or EPE2) is asserted. These
signals can be assigned to one of the timeslots in the ON/OFF
and SLEEP/WAKE sequences. See Section 15.3.
Fh
Auxiliary Reset
Logic output indicating a Reset condition. This signal is
asserted in the OFF state. The status in SLEEP mode is
configurable. See Section 11.7.
Note that the default polarity for this function (GPn_POL=1) is
“Active High”. Setting GPn_POL=0 will select “Active Low”
function.
Table 73 List of GPIO Output Functions
21.3 CONFIGURING GPIO PINS
The GPIO pins are configured using the Resister fields defined in Table 74.
The function of each GPIO is selected using the GPn_FN register field. The pin direction field
GPn_DIR selects between input functions and output functions. See Section 21.2 for a summary of
the available GPIO functions.
The polarity of each GPIO can be configured using the GPn_POL bits. This inversion is effective both
on GPIO inputs and outputs. When GPn_POL = 1, the non-inverted ‘Active High’ polarity applies. The
opposite logic can be selected by setting GPn_POL = 0.
The voltage power domain of each GPIO is determined by the GPn_PWR_DOM register. Note that
the available options vary between different GPIO pins, as described in Table 76.
A GPIO output may be either CMOS driven or Open Drain. This is selected using the GPn_OD bits.
Internal pull-up or pull-down resistors can be enabled on each pin using the GPn_PULL field. Both
resistors are available for use when the associated GPIO is an input. When the GPIO pin is
configured as an Open Drain output, the internal pull-up resistor may be required if no external pull-up
resistors are present.
The GPIO pins may be enabled or tri-stated using the GPn_ENA register field. When GPn_ENA = 0,
the respective pin is tri-stated. A tri-stated pin exhibits high impedance to any external circuit and is
disconnected from the internal GPIO circuits. The pull-up and pull-down resistors are disabled when a
GPIO pin is tri-stated.
GPIO pins can generate an interrupt (see Section 21.4). The GPn_INT_MODE field selects whether
the interrupt occurs on a single edge only, or else on both rising and falling edges. When single edge
is selected, the active edge is the rising edge (when GPn_POL = 1) or the falling edge (when
GPn_POL = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com