Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 134 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 134 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 130Page - Cirrus Logic WM8310 Datasheet HTML 131Page - Cirrus Logic WM8310 Datasheet HTML 132Page - Cirrus Logic WM8310 Datasheet HTML 133Page - Cirrus Logic WM8310 Datasheet HTML 134Page - Cirrus Logic WM8310 Datasheet HTML 135Page - Cirrus Logic WM8310 Datasheet HTML 136Page - Cirrus Logic WM8310 Datasheet HTML 137Page - Cirrus Logic WM8310 Datasheet HTML 138Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
134
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16396
(400Ch)
GPIO Level
11
GP12_LVL
0
GPIOn level.
When GPn_FN = 0h and GPn_DIR
= 0, write to this bit to set a GPIO
output.
Read from this bit to read GPIO
input level.
When GPn_POL is 0, the register
contains the opposite logic level to
the external pin. Write to this bit to
set a GPIO output.
10
GP11_LVL
0
9
GP10_LVL
0
8
GP9_LVL
0
7
GP8_LVL
0
6
GP7_LVL
0
5
GP6_LVL
0
4
GP5_LVL
0
3
GP4_LVL
0
2
GP3_LVL
0
1
GP2_LVL
0
0
GP1_LVL
0
Table 75 GPIO Level Register
The power domain for each GPIO is controlled using the GPn_PWR_DOM registers as described in
Table 76.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16440
(4038h)
GPIO1 Control
11
GP1_PWR_DO
M
0
GPIO1 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16441
(4039h)
GPIO2 Control
11
GP2_PWR_DO
M
0
GPIO2 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16442
(403Ah)
GPIO3 Control
11
GP3_PWR_DO
M
0
GPIO3 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16443
(403Bh)
GPIO4 Control
11
GP4_PWR_DO
M
0
GPIO4 Power Domain select
0 = DBVDD
1 = SYSVDD
R16444
(403Ch)
GPIO5 Control
11
GP5_PWR_DO
M
0
GPIO5 Power Domain select
0 = DBVDD
1 = SYSVDD
R16445
(403Dh)
GPIO6 Control
11
GP6_PWR_DO
M
0
GPIO6 Power Domain select
0 = DBVDD
1 = SYSVDD
R16446
(403Eh)
GPIO7 Control
11
GP7_PWR_DO
M
0
GPIO7 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16447
(403Fh)
GPIO8 Control
11
GP8_PWR_DO
M
0
GPIO8 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16448
(4040h)
GPIO9 Control
11
GP9_PWR_DO
M
0
GPIO9 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16449
(4041h)
GPIO10
Control
11
GP10_PWR_D
OM
0
GPIO10 Power Domain select
0 = DBVDD
1 = SYSVDD
R16450
(4042h)
GPIO11
Control
11
GP11_PWR_D
OM
0
GPIO11 Power Domain select
0 = DBVDD
1 = SYSVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com