Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 136 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 136 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 132Page - Cirrus Logic WM8310 Datasheet HTML 133Page - Cirrus Logic WM8310 Datasheet HTML 134Page - Cirrus Logic WM8310 Datasheet HTML 135Page - Cirrus Logic WM8310 Datasheet HTML 136Page - Cirrus Logic WM8310 Datasheet HTML 137Page - Cirrus Logic WM8310 Datasheet HTML 138Page - Cirrus Logic WM8310 Datasheet HTML 139Page - Cirrus Logic WM8310 Datasheet HTML 140Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
136
Note that GPIO input functions 2h, 3h, 4h, 5h and 6h are edge-triggered only. The associated state
transition(s) are scheduled only when a rising or falling edge is detected on the respective GPIO pin.
At other times, it is possible that other state transition events may cause a state transition regardless
of the state of the GPIO input. See Section 11.3 for details of all the state transition events.
Note that SLEEP transitions are not possible when any of the Battery Charger Interrupts is set. If any
of the Battery Charger Interrupts is asserted when a SLEEP transition is requested, then the transition
will be unsuccessful and the WM8310 will remain in the ON power state. See Section 17.7.8 for
details of the Battery Charger Interrupts.
21.4 GPIO INTERRUPTS
Each GPIO pin has an associated interrupt flag, GPn_EINT, in Register R16405 (4015h). Each of
these secondary interrupts triggers a primary GPIO Interrupt, GP_INT (see Section 23). This can be
masked by setting the mask bit(s) as described in Table 78.
See Section 28 and Section 29 for a definition of the register bit positions applicable to each GPIO.
ADDRESS
BIT
LABEL
DESCRIPTION
R16405
(4015h)
Interrupt Status
5
11:0
GPn_EINT
GPIO interrupt.
(Trigger is controlled by GPn_INT_MODE)
Note: Cleared when a ‘1’ is written.
R16413
(401Dh)
Interrupt Status
5 Mask
11:0
IM_GPn_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Note: n is a number between 1 and 12 that identifies the individual GPIO.
Table 78 GPIO Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com