Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 127 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 127 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 123Page - Cirrus Logic WM8310 Datasheet HTML 124Page - Cirrus Logic WM8310 Datasheet HTML 125Page - Cirrus Logic WM8310 Datasheet HTML 126Page - Cirrus Logic WM8310 Datasheet HTML 127Page - Cirrus Logic WM8310 Datasheet HTML 128Page - Cirrus Logic WM8310 Datasheet HTML 129Page - Cirrus Logic WM8310 Datasheet HTML 130Page - Cirrus Logic WM8310 Datasheet HTML 131Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
127
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16416
(4020h)
RTC Write
Counter
15:0
RTC_WR_CNT
0000h
RTC Write Counter.
This random number is updated on every
write to the RTC_TIME registers.
R16417
(4021h)
RTC Time 1
15:0
RTC_TIME
[31:16]
0000h
RTC Seconds counter (MSW)
RTC_TIME increments by 1 every
second. This is the 16 MSBs.
R16418
(4022h)
RTC Time 2
15:0
RTC_TIME [15:0]
0000h
RTC Seconds counter (LSW)
RTC_TIME increments by 1 every
second. This is the 16 LSBs.
R16419
(4023h)
RTC Alarm 1
15:0
RTC_ALM [31:16]
0000h
RTC Alarm time (MSW)
16 MSBs of RTC_ALM
R16420
(4024h)
RTC Alarm 2
15:0
RTC_ALM [15:0]
0000h
RTC Alarm time (LSW)
16 LSBs of RTC_ALM
R16421
(4025h)
RTC Control
15
RTC_VALID
0
RTC Valid status
0 = RTC_TIME has not been set since
Power On Reset
1 = RTC_TIME has been written to since
Power On Reset
14
RTC_SYNC_BUS
Y
0
RTC Busy status
0 = Normal
1 = Busy
The RTC registers should not be written
to when RTC_SYNC_BUSY = 1.
10
RTC_ALM_ENA
0
RTC Alarm Enable
0 = Disabled
1 = Enabled
R16422
(4026h)
RTC Trim
9:0
RTC_TRIM
000h
RTC frequency trim. Value is a 10bit
fixed point <4,6> 2’s complement
number. MSB Scaling = -8Hz.
The register indicates the error (in Hz)
with respect to the ideal 32768Hz) of the
input crystal frequency.
Protected by user key
Table 69 Real Time Clock (RTC) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com