Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 156 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 156 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 152Page - Cirrus Logic WM8310 Datasheet HTML 153Page - Cirrus Logic WM8310 Datasheet HTML 154Page - Cirrus Logic WM8310 Datasheet HTML 155Page - Cirrus Logic WM8310 Datasheet HTML 156Page - Cirrus Logic WM8310 Datasheet HTML 157Page - Cirrus Logic WM8310 Datasheet HTML 158Page - Cirrus Logic WM8310 Datasheet HTML 159Page - Cirrus Logic WM8310 Datasheet HTML 160Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
156
24.4 SUPPLY VOLTAGE MONITORING
The WM8310 includes a number of mechanisms to prevent the system from starting up, or to force it
to shut down, when the power sources are critically low.
The power supply configuration for the WM8310 is described in Section 17. The chip automatically
chooses the most suitable supply, selecting between a Wall adapter supply, USB or Battery. The
preferred source is routed to the SYSVDD pin, to which the other power management circuits would
typically be connected. The SYSVDD voltage is monitored internally, as described below.
The internal regulator LDO12 is powered from an internal domain equivalent to SYSVDD and
generates an internal supply (VPMIC) to support various “always-on” functions. In the absence of the
Wall, USB or Battery supplies, LDO12 can be powered from a backup supply. (Note that SYSVDD is
not maintained by the backup supply.) The VPMIC monitoring function controls the Power-On Reset
circuit, which sets the threshold below which the WM8310 cannot operate.
The operation of the VPMIC monitoring circuit is illustrated in Figure 31. The internal signal PORRST
¯¯¯¯¯¯¯
is governed by the VPOR thresholds. These determine when the WM8310 is kept in the NO POWER
state. The internal signal PMICRST
¯¯¯¯¯¯¯¯ is governed by the VRES thresholds. These determine when the
WM8310 is kept in the BACKUP state.
The VPMIC monitoring thresholds illustrated in Figure 31 are fixed. The voltage levels are defined in
the Electrical Characteristics - see Section 7.5.
Figure 31 VPMIC Monitoring
The operation of the SYSVDD monitoring circuit is illustrated in Figure 32. The VSHUTDOWN threshold is
the voltage below which the WM8310 forces an OFF transition. This threshold voltage is fixed and is
defined in the Electrical Characteristics - see Section 7.5.
The VSYSOK threshold is the level at which the internal signal SYSOK is asserted. Any ON request will
be inhibited if SYSOK is not set. The VSYSOK threshold can be set using the SYSOK_THR register field
in accordance with the minimum voltage requirements of the application. Note that a hysteresis
margin is added to the SYSOK_THR setting; see Section 7.5 for details.
The VSYSLO threshold is the level at which the internal signal SYSLO is asserted. This indicates a
SYSVDD undervoltage condition, at which a selectable response can be initiated. The VSYSLO
threshold can be set using the SYSLO_THR register field. The action taken under this undervoltage
condition is selected using the SYSLO_ERR_ACT register field, as defined in Table 101. An Interrupt
event is associated with the SYSLO condition - see Section 17.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com