Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 153 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 153 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 149Page - Cirrus Logic WM8310 Datasheet HTML 150Page - Cirrus Logic WM8310 Datasheet HTML 151Page - Cirrus Logic WM8310 Datasheet HTML 152Page - Cirrus Logic WM8310 Datasheet HTML 153Page - Cirrus Logic WM8310 Datasheet HTML 154Page - Cirrus Logic WM8310 Datasheet HTML 155Page - Cirrus Logic WM8310 Datasheet HTML 156Page - Cirrus Logic WM8310 Datasheet HTML 157Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
153
A summary of the WM8310 Resets is contained in Table 99.
RESET TYPE
RESET CONDITION
DESCRIPTION
RESPONSE
AUTOMATIC
RECOVERY
System Reset
Power Sequence Failure
DC Converters, LDOs or CLKOUT
circuits (including FLL) have failed
to start up within the permitted time.
See Section 11.3.
Assert RESET
¯¯¯¯¯¯ pin.
Select OFF state.
If the Reset Condition is
VPMIC (LDO12)
undervoltage, then the
WM8310 enters the
BACKUP state.
No
Device overtemperature
An overtemperature condition has
been detected. See Section 26.
No
SYSVDD undervoltage
(1)
SYSVDD is less than the user-
selectable threshold SYSLO_THR
and SYSLO_ERR_ACT is
configured to select OFF in this
condition. See Section 24.4.
No
SYSVDD undervoltage
(2)
SYSVDD is less than the
SHUTDOWN voltage.
See Section 24.4.
No
Software OFF request
OFF has been commanded by
writing CHIP_ON = 0.
See Section 11.3
No
VPMIC (LDO12)
undervoltage
The WM8310 supply voltage is less
than the System Reset threshold.
See Section 24.4.
No
Device Reset
Watchdog timeout
Watchdog timer has expired and the
selected response is to generate a
Device Reset.
See Section 25.
Assert RESET
¯¯¯¯¯¯ pin.
Shutdown and restart
the WM8310.
Reset Register map
(Note the RTC and
software scratch
registers are not reset.)
Yes
Hardware Reset
The RESET
¯¯¯¯¯¯ pin has been pulled low
by an external source.
See Section 24.2.
Yes
Converter (LDO or DC-
DC) Undervoltage
An undervoltage condition has been
detected and the selected response
is “Shut down system (Device
Reset)” See Section 15.
Yes
Software Reset
Software Reset
Software Reset has been
commanded by writing to Register
0000h. See Section 12.5.
Assert RESET
¯¯¯¯¯¯ pin.
Shutdown and restart
the WM8310.
See Section 24.3 for
configurable options
regarding the Register
Map contents.
Yes
Power On Reset
Power On Reset
The WM8310 supply voltage is less
than the Power-On Reset (POR)
threshold. See Section 24.4.
The WM8310 is in the
NO POWER state.
All register contents are
lost.
No
Table 99 Resets Summary
In the cases where Automatic Recovery is supported (as noted in Table 99), the WM8310 will re-start
the WM8310 following the Reset, and return the device to the ON state. The particular Reset
condition which caused the return to the ON state will be indicated in the “ON Source” register - see
Section 11.3.
Note that, if a Watchdog timeout or Converter undervoltage fault persists, a maximum of 6 Device
Resets will be attempted to initiate the start-up sequence. Similarly, a maximum of 6 Software Resets
is permitted. If these limits are exceeded, the WM8310 will remain in the OFF state until the next valid
ON state transition event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com