Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 155 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 155 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 151Page - Cirrus Logic WM8310 Datasheet HTML 152Page - Cirrus Logic WM8310 Datasheet HTML 153Page - Cirrus Logic WM8310 Datasheet HTML 154Page - Cirrus Logic WM8310 Datasheet HTML 155Page - Cirrus Logic WM8310 Datasheet HTML 156Page - Cirrus Logic WM8310 Datasheet HTML 157Page - Cirrus Logic WM8310 Datasheet HTML 158Page - Cirrus Logic WM8310 Datasheet HTML 159Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
155
The timing details of the Software Reset are illustrated in Figure 30.
Power State
Time
RESET pin
ON
ON
Software Reset
(shutdown / start-up)
Time delay set by
SWRST_DLY and
PWRSTATE_DELAY
0ms, 1ms or 10ms
OFF transition then ON transition
Nominal duration = 10 x 2ms
RESET delay set by RST_DUR
3ms, 11ms, 51ms or 101ms
Figure 30 Software Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com