Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 151 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 151 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 147Page - Cirrus Logic WM8310 Datasheet HTML 148Page - Cirrus Logic WM8310 Datasheet HTML 149Page - Cirrus Logic WM8310 Datasheet HTML 150Page - Cirrus Logic WM8310 Datasheet HTML 151Page - Cirrus Logic WM8310 Datasheet HTML 152Page - Cirrus Logic WM8310 Datasheet HTML 153Page - Cirrus Logic WM8310 Datasheet HTML 154Page - Cirrus Logic WM8310 Datasheet HTML 155Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
151
ADDRESS
BIT
LABEL
DESCRIPTION
R16404
(4014h)
Interrupt Status
4
9
HC_DC2_EINT
DC-DC2 High Current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
HC_DC1_EINT
DC-DC1 High Current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16412
(401Ch)
Interrupt Status
4 Mask
9
IM_HC_DC2_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
8
IM_HC_DC1_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 97 Overcurrent Interrupts
23.2.16 UNDERVOLTAGE INTERRUPTS
The primary UV_INT interrupt comprises fourteen secondary interrupts as described in
Section 15.13). The secondary interrupt bits are defined in Table 98.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a UV_INT interrupt. The secondary interrupt bits in R16403
(4013h) and R16404 (4014h) are valid regardless of whether the mask bit is set. The secondary
interrupts are all masked by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16403
(4013h)
Interrupt Status
3
9:0
UV_LDOn_EINT
LDOn Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16404
(4014h)
Interrupt Status
4
3:0
UV_DCm_EINT
DC-DCm Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16411
(401Bh)
Interrupt Status
3 Mask
9:0
IM_UV_LDOn_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
R16412
(401Ch)
Interrupt Status
4 Mask
3:0
IM_UV_DCm_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Notes:
1.
n is a number between 1 and 10 that identifies the individual LDO Regulator (LDO1-LDO10).
2.
m is a number between 1 and 4 that identifies the individual DC-DC Converter (DC1-DC4).
Table 98 Undervoltage Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com