Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 148 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 148 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 144Page - Cirrus Logic WM8310 Datasheet HTML 145Page - Cirrus Logic WM8310 Datasheet HTML 146Page - Cirrus Logic WM8310 Datasheet HTML 147Page - Cirrus Logic WM8310 Datasheet HTML 148Page - Cirrus Logic WM8310 Datasheet HTML 149Page - Cirrus Logic WM8310 Datasheet HTML 150Page - Cirrus Logic WM8310 Datasheet HTML 151Page - Cirrus Logic WM8310 Datasheet HTML 152Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
148
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
7
CS2_EINT
Current Sink 2 interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
6
CS1_EINT
Current Sink 1 interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
7
IM_CS2_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
6
IM_CS1_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 93 Current Sink Interrupts
23.2.11 REAL TIME CLOCK INTERRUPTS
The primary RTC_INT interrupt comprises two secondary interrupts as described in Section 20.3. The
secondary interrupt bits are defined in Table 94.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a RTC_INT interrupt. The secondary interrupt bits in R16401
(4011h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
3
RTC_PER_EINT
RTC Periodic interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
2
RTC_ALM_EINT
RTC Alarm interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
3
IM_RTC_PER_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
2
IM_RTC_ALM_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 94 Real Time Clock (RTC) Interrupts
23.2.12 OTP MEMORY INTERRUPTS
The primary OTP_INT interrupt comprises two secondary interrupts as described in Section 14.5. The
secondary interrupt bits are defined in Table 95.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a OTP_INT interrupt. The secondary interrupt bits in R16402
(4012h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com