Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 145 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 145 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 141Page - Cirrus Logic WM8310 Datasheet HTML 142Page - Cirrus Logic WM8310 Datasheet HTML 143Page - Cirrus Logic WM8310 Datasheet HTML 144Page - Cirrus Logic WM8310 Datasheet HTML 145Page - Cirrus Logic WM8310 Datasheet HTML 146Page - Cirrus Logic WM8310 Datasheet HTML 147Page - Cirrus Logic WM8310 Datasheet HTML 148Page - Cirrus Logic WM8310 Datasheet HTML 149Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
145
23.2.2
THERMAL INTERRUPTS
The primary TEMP_INT interrupt comprises a single secondary interrupt as described in Section 26.
The secondary interrupt bit is defined in Table 87.
The secondary interrupt can be masked. When the mask bit is set, the corresponding interrupt event
is masked and does not trigger a TEMP_INT interrupt. The secondary interrupt bit in R16401 (4011h)
is valid regardless of whether the mask bit is set. The secondary interrupt is masked by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
1
TEMP_THW_CINT
Thermal Warning interrupt
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(4019h)
Interrupt Status
1 Mask
1
IM_TEMP_THW_CINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 87 Thermal Interrupts
23.2.3
GPIO INTERRUPTS
The primary GP_INT interrupt comprises twelve secondary interrupts as described in Section 21.4.
The secondary interrupt bits are defined in Table 88.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a GP_INT interrupt. The secondary interrupt bits in R16405
(4015h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16405
(4015h)
Interrupt Status
5
11:0
GPn_EINT
GPIO interrupt.
(Trigger is controlled by GPn_INT_MODE)
Note: Cleared when a ‘1’ is written.
R16413
(401Dh)
Interrupt Status
5 Mask
11:0
IM_GPn_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Note: n is a number between 1 and 12 that identifies the individual GPIO.
Table 88 GPIO Interrupts
23.2.4
ON PIN INTERRUPTS
The primary ON_PIN_INT interrupt comprises a single secondary interrupt as described in
Section 11.6. The secondary interrupt bit is defined in Table 89.
The secondary interrupt can be masked. When the mask bit is set, the corresponding interrupt event
is masked and does not trigger an ON_PIN_INT interrupt. The secondary interrupt bit in R16401
(4011h) is valid regardless of whether the mask bit is set. The secondary interrupt is masked by
default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com