Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 146 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 146 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 142Page - Cirrus Logic WM8310 Datasheet HTML 143Page - Cirrus Logic WM8310 Datasheet HTML 144Page - Cirrus Logic WM8310 Datasheet HTML 145Page - Cirrus Logic WM8310 Datasheet HTML 146Page - Cirrus Logic WM8310 Datasheet HTML 147Page - Cirrus Logic WM8310 Datasheet HTML 148Page - Cirrus Logic WM8310 Datasheet HTML 149Page - Cirrus Logic WM8310 Datasheet HTML 150Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
146
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
12
ON_PIN_CINT
ON pin interrupt.
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
12
IM_ON_PIN_CINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 89 ON Pin Interrupt
23.2.5
WATCHDOG INTERRUPTS
The primary WDOG_INT interrupt comprises a single secondary interrupt as described in Section 25.
The secondary interrupt bits are defined in Table 90.
The secondary interrupt can be masked. When the mask bit is set, the corresponding interrupt event
is masked and does not trigger a WDOG_INT interrupt. The secondary interrupt bit in R16401
(4011h) is valid regardless of whether the mask bit is set. The secondary interrupt is masked by
default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
11
WDOG_TO_EINT
Watchdog timeout interrupt.
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
11
IM_WDOG_TO_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 90 Watchdog Timer Interrupts
23.2.6
RESERVED
23.2.7
RESERVED
23.2.8
AUXADC INTERRUPTS
The primary AUXADC_INT interrupt comprises five secondary interrupts as described in Section 18.5.
The secondary interrupt bits are defined in Table 91.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a AUXADC_INT interrupt. The secondary interrupt bits in
R16401 (4011h) are valid regardless of whether the mask bit is set. The secondary interrupts are all
masked by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
8
AUXADC_DATA_EINT
AUXADC Data Ready interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
7:4
AUXADC_DCOMPn_EINT
AUXADC Digital Comparator n interrupt
(Trigger is controlled by DCMPn_GT)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
8
IM_AUXADC_DATA_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com