Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 147 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 147 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 143Page - Cirrus Logic WM8310 Datasheet HTML 144Page - Cirrus Logic WM8310 Datasheet HTML 145Page - Cirrus Logic WM8310 Datasheet HTML 146Page - Cirrus Logic WM8310 Datasheet HTML 147Page - Cirrus Logic WM8310 Datasheet HTML 148Page - Cirrus Logic WM8310 Datasheet HTML 149Page - Cirrus Logic WM8310 Datasheet HTML 150Page - Cirrus Logic WM8310 Datasheet HTML 151Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
147
ADDRESS
BIT
LABEL
DESCRIPTION
7:4
IM_AUXADC_DCOMPn_EI
NT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Note: n is a number between 1 and 4 that identifies the individual Comparator.
Table 91 AUXADC Interrupts
23.2.9
POWER PATH MANAGEMENT INTERRUPTS
The primary PPM_INT interrupt comprises three secondary interrupts as described in Section 17.5.
The secondary interrupt bits are defined in Table 92.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a PPM_INT interrupt. The secondary interrupt bits in R16401
(4011h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
15
PPM_SYSLO_EINT
Power Path SYSLO interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
14
PPM_PWR_SRC_EINT
Power Path Source interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
13
PPM_USB_CURR_EINT
Power Path USB Current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
15
IM_PPM_SYSLO_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
14
IM_PPM_PWR_SRC_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
13
IM_PPM_USB_CURR_EIN
T
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 92 Power Path Management Interrupts
23.2.10 CURRENT SINK INTERRUPTS
The primary CS_INT interrupt comprises two secondary interrupts as described in Section 16.3. The
secondary interrupt bits are defined in Table 93.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a CS_INT interrupt. The secondary interrupt bits in R16402
(4012h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com