Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 191 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 191 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 187Page - Cirrus Logic WM8310 Datasheet HTML 188Page - Cirrus Logic WM8310 Datasheet HTML 189Page - Cirrus Logic WM8310 Datasheet HTML 190Page - Cirrus Logic WM8310 Datasheet HTML 191Page - Cirrus Logic WM8310 Datasheet HTML 192Page - Cirrus Logic WM8310 Datasheet HTML 193Page - Cirrus Logic WM8310 Datasheet HTML 194Page - Cirrus Logic WM8310 Datasheet HTML 195Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
191
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16419
(4023h)
RTC Alarm
1
15:0
RTC_ALM
[15:0]
0000_0000
_0000_000
0
RTC Alarm time (MSW)
16 MSBs of RTC_ALM
Register 4023h RTC Alarm 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16420
(4024h)
RTC Alarm
2
15:0
RTC_ALM
[15:0]
0000_0000
_0000_000
0
RTC Alarm time (LSW)
16 LSBs of RTC_ALM
Register 4024h RTC Alarm 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16421
(4025h)
RTC Control
15
RTC_VALID
0
RTC Valid status
0 = RTC_TIME has not been set since Power On Reset
1 = RTC_TIME has been written to since Power On
Reset
14
RTC_SYNC_B
USY
0
RTC Busy status
0 = Normal
1 = Busy
The RTC registers should not be written to when
RTC_SYNC_BUSY = 1.
10
RTC_ALM_EN
A
0
RTC Alarm Enable
0 = Disabled
1 = Enabled
6:4
RTC_PINT_FR
EQ [2:0]
000
RTC Periodic Interrupt timeout period
000 = Disabled
001 = 2s
010 = 4s
011 = 8s
100 = 16s
101 = 32s
110 = 64s
111 = 128s
Register 4025h RTC Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16422
(4026h)
RTC Trim
9:0
RTC_TRIM
[9:0]
00_0000_0
000
RTC frequency trim. Value is a 10bit fixed point <4,6>
2's complement number. MSB Scaling = -8Hz.
The register indicates the error (in Hz) with respect to
the ideal 32768Hz) of the input crystal frequency.
Protected by security key.
Register 4026h RTC Trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com