Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 193 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 193 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 189Page - Cirrus Logic WM8310 Datasheet HTML 190Page - Cirrus Logic WM8310 Datasheet HTML 191Page - Cirrus Logic WM8310 Datasheet HTML 192Page - Cirrus Logic WM8310 Datasheet HTML 193Page - Cirrus Logic WM8310 Datasheet HTML 194Page - Cirrus Logic WM8310 Datasheet HTML 195Page - Cirrus Logic WM8310 Datasheet HTML 196Page - Cirrus Logic WM8310 Datasheet HTML 197Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
193
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
35 = 48 samples/s
…
63 = 496 samples/s
Register 402Eh AuxADC Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16431
(402Fh)
AuxADC
Source
9
AUX_WALL_S
EL
0
AUXADC WALL input select
0 = Disable WALLVDD measurement
1 = Enable WALLVDD measurement
8
AUX_BATT_S
EL
0
AUXADC BATT input select
0 = Disable BATTVDD measurement
1 = Enable BATTVDD measurement
7
AUX_USB_SE
L
0
AUXADC USB input select
0 = Disable USBVDD measurement
1 = Enable USBVDD measurement
6
AUX_SYSVDD
_SEL
0
AUXADC SYSVDD input select
0 = Disable SYSVDD measurement
1 = Enable SYSVDD measurement
5
AUX_BATT_TE
MP_SEL
0
AUXADC Battery Temp input select
0 = Disable Battery Temp measurement
1 = Enable Battery Temp measurement
4
AUX_CHIP_TE
MP_SEL
0
AUXADC Chip Temp input select
0 = Disable Chip Temp measurement
1 = Enable Chip Temp measurement
3
AUX_AUX4_S
EL
0
AUXADCIN4 input select
0 = Disable AUXADCIN4 measurement
1 = Enable AUXADCIN4 measurement
2
AUX_AUX3_S
EL
0
AUXADCIN3 input select
0 = Disable AUXADCIN3 measurement
1 = Enable AUXADCIN3 measurement
1
AUX_AUX2_S
EL
0
AUXADCIN2 input select
0 = Disable AUXADCIN2 measurement
1 = Enable AUXADCIN2 measurement
0
AUX_AUX1_S
EL
0
AUXADCIN1 input select
0 = Disable AUXADCIN1 measurement
1 = Enable AUXADCIN1 measurement
Register 402Fh AuxADC Source
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16432
(4030h)
Comparator
Control
11
DCOMP4_STS
0
Digital Comparator 4 status
0 = Comparator 4 threshold not detected
1 = Comparator 4 threshold detected
(Trigger is controlled by DCMP4_GT)
10
DCOMP3_STS
0
Digital Comparator 3 status
0 = Comparator 3 threshold not detected
1 = Comparator 3 threshold detected
(Trigger is controlled by DCMP3_GT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com