Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 192 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 192 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 188Page - Cirrus Logic WM8310 Datasheet HTML 189Page - Cirrus Logic WM8310 Datasheet HTML 190Page - Cirrus Logic WM8310 Datasheet HTML 191Page - Cirrus Logic WM8310 Datasheet HTML 192Page - Cirrus Logic WM8310 Datasheet HTML 193Page - Cirrus Logic WM8310 Datasheet HTML 194Page - Cirrus Logic WM8310 Datasheet HTML 195Page - Cirrus Logic WM8310 Datasheet HTML 196Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
192
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16429
(402Dh)
AuxADC
Data
15:12
AUX_DATA_S
RC [3:0]
0000
AUXADC Data Source
0 = Reserved
1 = AUXADCIN1
2 = AUXADCIN2
3 = AUXADCIN3
4 = AUXADCIN4
5 = Chip Temperature
6 = Battery Temperature
7 = SYSVDD voltage
8 = USB voltage
9 = BATT voltage
10 = WALL voltage
11 = Reserved
12 = Reserved
13 = Reserved
14 = Reserved
15 = Reserved
11:0
AUX_DATA
[11:0]
0000_0000
_0000
AUXADC Measurement Data
Voltage (mV) = AUX_DATA x 1.465
ChipTemp (°C) = (498 - AUX_DATA) / 1.09
BattTemp (°C) = (value is dependent on NTC
thermistor)
Register 402Dh AuxADC Data
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16430
(402Eh)
AuxADC
Control
15
AUX_ENA
0
AUXADC Enable
0 = Disabled
1 = Enabled
Note - this bit is reset to 0 when the OFF power state is
entered.
14
AUX_CVT_EN
A
0
AUXADC Conversion Enable
0 = Disabled
1 = Enabled
In automatic mode, conversions are enabled by setting
this bit.
In manual mode (AUX_RATE = 0), setting this bit will
initiate a conversion; the bit is reset automatically after
each conversion.
12
AUX_SLPENA
0
AUXADC SLEEP Enable
0 = Disabled
1 = Controlled by AUX_ENA
5:0
AUX_RATE
[5:0]
00_0000
AUXADC Conversion Rate
0 = Manual
1 = 2 samples/s
2 = 4 samples/s
3 = 6 samples/s
…
31 = 62 samples/s
32 = Reserved
33 = 16 samples/s
34 = 32 samples/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com