Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 183 Page - Texas Instruments

Back Button DM505 Datasheet HTML 179Page - Texas Instruments DM505 Datasheet HTML 180Page - Texas Instruments DM505 Datasheet HTML 181Page - Texas Instruments DM505 Datasheet HTML 182Page - Texas Instruments DM505 Datasheet HTML 183Page - Texas Instruments DM505 Datasheet HTML 184Page - Texas Instruments DM505 Datasheet HTML 185Page - Texas Instruments DM505 Datasheet HTML 186Page - Texas Instruments DM505 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 290 page
background image
183
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
•
Memory Management Units (MMUs):
–
32-entry TLB per MMU
–
Page walking with hardware
–
EDMA accesses and ARP32 program or data accesses to system memory space
–
Can limit EVE accesses to desired subset of system addresses
•
Configuration interconnect for MMR and debug accesses
•
High-performance interconnect for high throughput and high concurrency data transfers between
connected endpoints
•
Multiple interrupts for interrupt mapping, DMA event mapping, and interprocessor handshaking
•
Support for slave idle and master standby protocols for clock gating
•
No support for retention and memory array off modes
•
Error detection on all memories:
–
Single bit error detect on DMEM, WBUF, IBUFLA, IBUFLB, IBUFHA, and IBUFHB
–
Double bit error detect on program cache
•
Invalid instruction detection in the two processor units (ARP32 and VCOP)
•
Debug support:
–
Subsystem Counter Timer Module (SCTM) for counting and measuring of VCOP, EVE program
cache, and EDMA performance-related state
–
Software Messaging System Event Trace (SMSET) for trace of software messages and hardware
events
–
ARP32 debug support: State visibility, breakpoint, run control, cross-triggering
–
VCOP debug support: State visibility and run control
•
Interprocessor communication: Internal Mailbox for DSP/EVE communication
For more information, see chapter Embedded Vision Engine of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com