Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 187 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 187 Page - Texas Instruments

Back Button DM505 Datasheet HTML 183Page - Texas Instruments DM505 Datasheet HTML 184Page - Texas Instruments DM505 Datasheet HTML 185Page - Texas Instruments DM505 Datasheet HTML 186Page - Texas Instruments DM505 Datasheet HTML 187Page - Texas Instruments DM505 Datasheet HTML 188Page - Texas Instruments DM505 Datasheet HTML 189Page - Texas Instruments DM505 Datasheet HTML 190Page - Texas Instruments DM505 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 290 page
background image
187
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
•
ECC Diagnostics Configuration:
–
Counters for single error correction (SEC), double error detection (DED) and address error events
(AEE)
–
Programmable threshold registers for exeptions associated with SEC, DED and AEE counters
–
Register control for enabling and disabling of diagnostics
–
Configuration registers and ECC status accessible through L4 interconnect
•
Circular buffer for sliced based VIP frame transfers:
–
Up to 12 programmable circular buffers mapped with unique virtual frame addresses
–
On the fly (with no additional latency) address translation from virtual to OCMC circular buffer
memory space
–
Virtual frame size up to 8 MiB and circular buffer size up to 1 MiB
–
Error handling and reporting of illegal CBUF addressing
–
Underflow and Overflow status reporting and error handling
–
Last access read/write address history
•
Two Interrupt outputs configured independently to service either ECC or CBUF interrupt events
The OCM controller does not have a memory protection logic and does not support endianism conversion.
For more information, see section On-Chip Memory (OCM) Subsystem in chapter Memory Subsystem of
the device TRM.
6.7
Interprocessor Communication
6.7.1
Mailbox
Communication between the on-chip processors of the device uses a queued mailbox-interrupt
mechanism.
The queued mailbox-interrupt mechanism allows the software to establish a communication channel
between two processors through a set of registers and associated interrupt signals by sending and
receiving messages (mailboxes).
The device implements the following mailbox types:
•
System mailbox:
–
Number of instances: 2
–
Used for communication between: DSP1, DSP2, IPU subsystems
–
Reference name: MAILBOX1, MAILBOX2
Each mailbox module supports the following features:
•
Parameters configurable at design time
–
Number of users
–
Number of mailbox message queues
–
Number of messages (FIFO depth) for each message queue
•
32-bit message width
•
Message reception and queue-not-full notification using interrupts
•
Support of 16-/32-bit addressing scheme
•
Power management support
For more information, see chapter Mailbox of the device TRM.
6.7.2
Spinlock
The Spinlock module provides hardware assistance for synchronizing the processes running on multiple
processors in the device:
•
Digital signal processor (DSP) subsystems – DSP1 and DSP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com