Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 201 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 201 Page - Texas Instruments

Back Button DM505 Datasheet HTML 197Page - Texas Instruments DM505 Datasheet HTML 198Page - Texas Instruments DM505 Datasheet HTML 199Page - Texas Instruments DM505 Datasheet HTML 200Page - Texas Instruments DM505 Datasheet HTML 201Page - Texas Instruments DM505 Datasheet HTML 202Page - Texas Instruments DM505 Datasheet HTML 203Page - Texas Instruments DM505 Datasheet HTML 204Page - Texas Instruments DM505 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 290 page
background image
201
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
6.10.15 GPIO
The general-purpose interface combines four general-purpose input/output (GPIO) banks.
Each GPIO module provides 32 dedicated general-purpose pins with input and output capabilities; thus,
the general-purpose interface supports up to 126 pins.
These pins can be configured for the following applications:
•
Data input (capture)/output (drive)
•
Keyboard interface with a debounce cell
•
Interrupt generation in active mode upon the detection of external events. Detected events are
processed by two parallel independent interrupt-generation submodules to support biprocessor
operations.
•
Wake-up request generation in idle mode upon the detection of external events
For more information, see chapter General-Purpose Interface of the device TRM.
6.10.16 ePWM
An effective PWM peripheral must be able to generate complex pulse width waveforms with minimal CPU
overhead or intervention. It needs to be highly programmable and very flexible while being easy to
understand and use. The ePWM unit described here addresses these requirements by allocating all
needed timing and control resources on a per PWM channel basis. Cross coupling or sharing of resources
has been avoided; instead, the ePWM is built up from smaller single channel modules with separate
resources and that can operate together as required to form a system. This modular approach results in
an orthogonal architecture and provides a more transparent view of the peripheral structure, helping users
to understand its operation quickly.
Each ePWM module supports the following features:
•
Dedicated 16-bit time-base counter with period and frequency control
•
Two PWM outputs (EPWM1A and EPWM2B) that can be used in the following configurations:
–
Two independent PWM outputs with single-edge operation
–
Two independent PWM outputs with dual-edge symmetric operation
–
One independent PWM output with dual-edge asymmetric operation
•
Asynchronous override control of PWM signals through software.
•
Hardware-locked (synchronized) phase relationship on a cycle-by-cycle basis.
•
Dead-band generation with independent rising and falling edge delay control.
•
Programmable trip zone allocation of both cycle-by-cycle trip and one-shot trip on fault conditions.
•
A trip condition can force either high, low, or high-impedance state logic levels at PWM outputs.
•
Programmable event prescaling minimizes CPU overhead on interrupts.
•
PWM chopping by high-frequency carrier signal, useful for pulse transformer gate drives.
For more information, see section Enhanced PWM (ePWM) Module in chapter Pulse-Width Modulation
Subsystem of the device TRM.
6.10.17 eCAP
Uses for eCAP include:
•
Sample rate measurements of audio inputs
•
Speed measurements of rotating machinery (for example, toothed sprockets sensed via Hall sensors)
•
Elapsed time measurements between position sensor pulses
•
Period and duty cycle measurements of pulse train signals
•
Decoding current or voltage amplitude derived from duty cycle encoded current/voltage sensors
The eCAP module includes the following features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com