Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 21Page - Seiko Instruments Inc S8340 Datasheet HTML 22Page - Seiko Instruments Inc S8340 Datasheet HTML 23Page - Seiko Instruments Inc S8340 Datasheet HTML 24Page - Seiko Instruments Inc S8340 Datasheet HTML 25Page - Seiko Instruments Inc S8340 Datasheet HTML 26Page - Seiko Instruments Inc S8340 Datasheet HTML 27Page - Seiko Instruments Inc S8340 Datasheet HTML 28Page - Seiko Instruments Inc S8340 Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
25
(2) Using Bipolar Transistor
CS
RS
R2
R1
CC
VSS
VOUT
VOUT
SD
CL
ON/OFF
VDD
L
EXT
VIN
CVREF
CVREF
CSS
CSS
NPN
Bipolar
Transistor
120 mV
RSENSE
SENSE
PW M comparator
VREF =1.0 V
+
Cb
Triangular w ave
oscillation circuit
Phase
com pensation
circuit
IC internal power
supply
Error am plifier
PW M, PW M/PFM
switching control
circuit
Shutdown
circuit
Soft-start
circuit
Voltage/current
reference
Single ground
Rb
Figure 16 Output Voltage Fixed Output Type
Cb
CS
RS
RFB2
RFB1
CFB
VSS
VOUT
FB
SD
CL
ON/OFF
VDD
L
EXT
VIN
CVREF
CVREF
CSS
CSS
NPN
Bipolar
Transistor
120 mV
RSENSE
SENSE
PW M comparator
VREF =1.0 V
+
Triangular w ave
oscillation circuit
Phase
com pensation
circuit
IC internal pow er
supply
Error am plifier
PW M, PW M/PFM
switching control
circuit
Shutdown
circuit
Soft-start
circuit
Voltage/current
reference
Single ground
Rb
Figure 17 Output Voltage External Setting Type
Caution The above connection and constant will not guarantee successful operation. Perform thorough
evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com