Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 38 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 38 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 34Page - Seiko Instruments Inc S8340 Datasheet HTML 35Page - Seiko Instruments Inc S8340 Datasheet HTML 36Page - Seiko Instruments Inc S8340 Datasheet HTML 37Page - Seiko Instruments Inc S8340 Datasheet HTML 38Page - Seiko Instruments Inc S8340 Datasheet HTML 39Page - Seiko Instruments Inc S8340 Datasheet HTML 40Page - Seiko Instruments Inc S8340 Datasheet HTML 41Page - Seiko Instruments Inc S8340 Datasheet HTML 42Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
38
(9) S-8340A50AFT
(10) S-8340A50AFT
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V
IN=1 .8 V
4.5V
3.0V
IOUT(mA)
(CDRH5D18/4.1μH, NDS335N)
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
V
IN=1 .8 V
4.5V
3.0V
IOUT(mA)
(CDRH124/10μH, FTS2001)
(11) S-8341A50AFT
(12) S-8341A50AFT
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V
IN=1 .8 V
4.5V
3.0V
IOUT(mA)
(CDRH5D18/4.1μH, NDS335N)
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
V
IN=1 .8 V
4.5V
3.0V
IOUT(mA)
IOUT(mA)
(CDRH124/10μH, FTS2001)
(13) S-8340C25AFT
(14) S-8340C25AFT
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IOUT(mA)
V
IN=1 .2 V
1.5V
1.8V
(CDRH6D28/10μH, FDN335N)
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
V
IN=1 .5 V
2.4V
1.8V
IOUT(mA)
(CDRH124/10μH, FTS2001)
(15) S-8341C25AFT
(16) S-8341C25AFT
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IOUT(mA)
V
IN=1 .2 V
1.5V
1.8V
(CDRH6D28/10μH, FDN335N)
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
V
IN=1 .5 V
2.4V
1.8V
IOUT(mA)
(CDRH124/10μH, FTS2001)
VIN
= 1.8 V
VIN
= 1.8 V
VIN
= 1.8 V
VIN
= 1.8 V
VIN
= 1.2 V
VIN
= 1.5 V
VIN
= 1.2 V
VIN
= 1.5 V
(CDRH5D18/4.1
μH, NDS335N)
IOUT (mA)
(CDRH124/10
μH, FTS2001)
IOUT (mA)
(CDRH5D18/4.1
μH, NDS335N)
(CDRH124/10
μH, FTS2001)
IOUT (mA)
IOUT (mA)
IOUT (mA)
IOUT (mA)
IOUT (mA)
IOUT (mA)
(CDRH6D28/10
μH, FDN335N)
(CDRH124/10
μH, FTS2001)
(CDRH6D28/10
μH, FDN335N)
(CDRH124/10
μH, FTS2001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com