Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 24Page - Seiko Instruments Inc S8340 Datasheet HTML 25Page - Seiko Instruments Inc S8340 Datasheet HTML 26Page - Seiko Instruments Inc S8340 Datasheet HTML 27Page - Seiko Instruments Inc S8340 Datasheet HTML 28Page - Seiko Instruments Inc S8340 Datasheet HTML 29Page - Seiko Instruments Inc S8340 Datasheet HTML 30Page - Seiko Instruments Inc S8340 Datasheet HTML 31Page - Seiko Instruments Inc S8340 Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
28
(5) EXT Pin Output Current “H” (IEXTH) vs.
Supply Voltage (VDD)
(6) EXT Pin Output Current “L” (IEXTL) vs.
Supply Voltage (VDD)
−60
−50
−40
−30
−20
−10
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
25°C
85°C
Ta
= −40°C
S-8340A33A (fOSC : 600 kHz ) / S-8340C33A (fOSC : 300 kHz)
0
20
40
60
80
100
120
140
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
25°C
85°C
Ta
= −40°C
S-8340A33A (fOSC : 600 kHz ) / S-8340C33A (fOSC : 300 kHz)
(7) Soft-Start Time (tSS) vs. Supply Voltage (VDD)
S-8340A33A (fOSC : 600 kHz)
0
5
10
15
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
25°C
Ta
= −40°C
85°C
S-8340C33A (fOSC : 300 kHz)
0
10
20
30
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
25°C
Ta
= −40°C
85°C
(8) ON/OFF Pin Input Voltage “H” (VSH) vs. Supply
Voltage (VDD)
(9) ON/OFF Pin Input Voltage “L” (VSL) vs. Supply
Voltage (VDD)
0.0
0.2
0.4
0.6
0.8
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
25°C
85°C
Ta
= −40°C
S-8340A33A (fOSC : 600 kHz) / S-8340C 33A (fOSC : 300 kHz )
0.0
0.2
0.4
0.6
0.8
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
25°C
85°C
Ta
= −40°C
S-8340A33A (fOSC : 600 kHz) / S-8340C33A (fOSC : 300 kHz)
(10) Output Voltage (VOUT) vs. Supply Voltage (VDD)
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
25°C
85°C
Ta
= −40°C
S-8340A25A (fOSC : 600 kHz) / S-8340C25A (fOSC : 300 kHz)
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
25°C
85°C
Ta
= −40°C
S-8340A33A (fOSC : 600 kHz ) / S-8340C33A (fOSC : 300 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com