Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 36 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 36 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 32Page - Seiko Instruments Inc S8340 Datasheet HTML 33Page - Seiko Instruments Inc S8340 Datasheet HTML 34Page - Seiko Instruments Inc S8340 Datasheet HTML 35Page - Seiko Instruments Inc S8340 Datasheet HTML 36Page - Seiko Instruments Inc S8340 Datasheet HTML 37Page - Seiko Instruments Inc S8340 Datasheet HTML 38Page - Seiko Instruments Inc S8340 Datasheet HTML 39Page - Seiko Instruments Inc S8340 Datasheet HTML 40Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
36
Performance Data for Parts
The following shows the performance of external parts.
Table 16 Performance of External Parts
Component
Product Name
Manufacturer
Performance
L
DC resistance
Max. Current
Diameter
Height
Inductor
CDRH5D18
Sumida
Corporation
4.1
μH
0.042
Ω typ.
0.057
Ω max.
1.95 A
5.7 mm
typ.
6.0 mm
max.
1.8 mm
typ.
2.0 mm
max.
CDRH124
10
μH
0.028
Ω max.
4.5 A
12.0 mm
typ.
12.3 mm
max.
4.5 mm
max.
CDRH6D28
10
μH
0.048
Ω typ.
0.065
Ω max.
1.70 A
6.7 mm
typ.
7.0 mm
max.
3.0 mm
max.
Diode
RB491D
Rohm
Corporation
Forward current 1.0 A @VF = 0.45 V, Vrm
= 25 V
RB081L
−20
Forward current 5.0 A @VF = 0.45 V, Vrm
= 25 V
Capacitor
(output
capacitance)
(tantalum
electrolytic
capacitor)
F951C476MG1
Nichicon
Corporation
47
μF, 16 V, 5.5 × 4.8 × 2.3 mm max.,
ESR = 0.08
Ω (nominal value)
F951A476MF1
47
μF, 10 V, 5.5 × 4.8 × 2.0 mm max.,
ESR = 0.1
Ω (nominal value)
F920J476MB3
47
μF, 6.3 V, 3.6 × 3 × 1.2 mm max.,
ESR = 0.27
Ω (nominal value)
F951A107MG1
100
μF, 10 V, 5.5 × 4.8 × 2.3 mm max.,
ESR = 0.08
Ω (nominal value)
External
transistor
(N-channel
FET)
NDS335N*1
Fairchild
Semiconductor
Corporation
VDSS = 20 V max., VGSS = 8 V max., ID = 1.7 A max.,
Vth = 0.5 V to 1 V, Ciss = 240 pF typ.,
RDS(ON) = 0.14
Ω max.(VGS = 2.7 V), SOT-23-3 package or
equivalent
FDN335N
VDSS = 20 V max., VGSS = 8 V max., ID = 1.7 A max.,
Vth = 0.4 V to 1.5 V, Ciss = 310 pF typ.,
RDS(ON) = 0.10
Ω max.(VGS = 2.5 V), SOT-23-3 package or
equivalent
FTS2001
Sanyo Electric
Co., Ltd.
VDSS = 20 V max., VGSS = 8 V max., ID = 5 A max.,
Vth = 0.4 V to 1.3 V, Ciss = 750 pF typ.,
RDS(ON) = 0.046
Ω max.(VGS = 2.5 V), 8-Pin TSSOP package
*1. The manufacturer recommends the FDN335N as an alternative for the NDS335N.
Caution The value of each characteristic in Table 16 depends on the materials prepared by each manufacturer,
however, confirm the specifications by referring to respective materials when using any of the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com