Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 26Page - Seiko Instruments Inc S8340 Datasheet HTML 27Page - Seiko Instruments Inc S8340 Datasheet HTML 28Page - Seiko Instruments Inc S8340 Datasheet HTML 29Page - Seiko Instruments Inc S8340 Datasheet HTML 30Page - Seiko Instruments Inc S8340 Datasheet HTML 31Page - Seiko Instruments Inc S8340 Datasheet HTML 32Page - Seiko Instruments Inc S8340 Datasheet HTML 33Page - Seiko Instruments Inc S8340 Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
30
2. Examples of Transient Response Characteristics
(1) Power-on (Typical Data)
S-8340A33AFT, fOSC = 600 kHz, Ta = 25
°C
VIN = 0
→ 1.98 V, IOUT = 1 mA
t (2 ms/div)
VOUT
(1 V/div)
3 V
0 V
3 V
0 V
VIN
(1 V/div)
VIN = 0
→ 1.98 V, IOUT = 200 mA
t (2 ms/div)
VOUT
(1 V/div)
3 V
0 V
3 V
0 V
VIN
(1 V/div)
S-8340C33AFT, fOSC = 300 kHz, Ta = 25
°C
I
t (4 ms/div)
VOUT
(1 V/div)
3 V
0 V
3 V
0 V
VIN
(1 V/div)
VIN = 0
→ 1.98 V, IOUT = 1 mA
t (4 ms/div)
VOUT
(1 V/div)
3 V
0 V
3 V
0 V
VIN
(1 V/div)
VIN = 0
→ 1.98 V, IOUT = 200 mA
(2) ON/OFF Pin Response (Typical Data)
S-8340A33AFT, fOSC = 600 kHz, Ta = 25
°C
t (2 ms/div)
VOUT
(1 V/div)
3 V
0 V
3 V
0 V
VON/OFF
(1 V/div)
VON/OFF
= 0 → 1.98 V, IOUT = 1 mA
t (2 ms/div)
VOUT
(1 V/div)
3 V
0 V
3 V
0 V
VON/OFF
(1 V/div)
VON/OFF
= 0 → 1.98 V, IOUT = 200 mA
S-8340C33AFT, fOSC = 300 kHz, Ta = 25
°C
t (4 ms/div)
VOUT
(1 V/div)
3 V
0 V
3 V
0 V
VON/OFF
(1 V/div)
VON/OFF
= 0 → 1.98 V, IOUT = 1 mA
t (4 ms/div)
VOUT
(1 V/div)
3 V
0 V
3 V
0 V
VON/OFF
(1 V/div)
VON/OFF
= 0 → 1.98 V, IOUT = 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com