Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 6Page - Seiko Instruments Inc S8340 Datasheet HTML 7Page - Seiko Instruments Inc S8340 Datasheet HTML 8Page - Seiko Instruments Inc S8340 Datasheet HTML 9Page - Seiko Instruments Inc S8340 Datasheet HTML 10Page - Seiko Instruments Inc S8340 Datasheet HTML 11Page - Seiko Instruments Inc S8340 Datasheet HTML 12Page - Seiko Instruments Inc S8340 Datasheet HTML 13Page - Seiko Instruments Inc S8340 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
10
External parts
Coil :
Sumida Corporation CD54 (10
μH)
Diode :
Matsushita Electronic Industrial Co., Ltd. MA735 (Schottky type)
Capacitor :
Nichicon Corporation F93 (16 V, 47
μF, tantalum type)
Transistor :
Sanyo Electric Co., Ltd. 2SD1628G
Base resistor (Rb) :
1.0 k
Ω
Base capacitor (Cb) : 2200 pF (ceramic type)
CVREF :
0.01
μF
CSS :
4700 pF
RFB1 :
300 k
Ω
RFB2 :
100 k
Ω
CFB :
50 pF
The ON/OFF pin is connected to the VOUT pin unless otherwise specified.
Connect the SENSE pin to the VSS pin.
*1. VOUT(E) : Actual output voltage value : Output voltage value when IOUT
= 80 mA and VIN = 2.4 V is applied.
The Typ. value (set output voltage value) is 1 +
[V]
*2. The change of output voltage with temperature [mV/
°C] is calculated from the following formula. However, the
temperature change rates for RFB1 and RFB2 are assumed to be the same.
= (1 +
)
ΔVOUT
ΔTa • VOUT
ΔVOUT
ΔTa
RFB1
RFB2
[mV/
°C]
×
[ppm/
°C] ÷ 1000
(Change of output voltage
(Set output
(Output voltage temperature
with temperature)
voltage value)
coefficient)
Caution The S-8340/8341 Series steps up from VDD = 0.9 V. However, 2.5 V or more for VDD is recommended to
stabilize the output voltage and oscillation frequency. If VDD is taken from VIN or other power sources,
instead of VOUT, VDD should be 2.5 V or more. However, if VDD is other than 4.0 V, note that the output
voltage accuracy of
±2.0% is not guaranteed due to dependency of output voltage on VDD. In particular,
accuracy of output voltage is degraded significantly when the VDD voltage is 6.0 V or more. Therefore,
do not use this IC when the VDD voltage is 6.0 V or more. If VDD of 2.5 V or more is applied, increase
power supply so that VDD becomes 2.5 V or more within the soft-start time (3.0 ms).
300 k
Ω
100 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com