Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 26 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 26 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 22Page - Seiko Instruments Inc S8340 Datasheet HTML 23Page - Seiko Instruments Inc S8340 Datasheet HTML 24Page - Seiko Instruments Inc S8340 Datasheet HTML 25Page - Seiko Instruments Inc S8340 Datasheet HTML 26Page - Seiko Instruments Inc S8340 Datasheet HTML 27Page - Seiko Instruments Inc S8340 Datasheet HTML 28Page - Seiko Instruments Inc S8340 Datasheet HTML 29Page - Seiko Instruments Inc S8340 Datasheet HTML 30Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
26
Precautions
Mount the external capacitors, diode, coil, and other peripheral parts as close to the IC as possible, and make a one-
point grounding.
Characteristic ripple voltage and spike noise occur in IC containing switching regulators. Moreover rush current flows
at the time of a power supply injection. Because these largely depend on the coil, the capacitor and impedance of
power supply used, fully check them using an actually mounted model.
Make sure that dissipation of the switching transistor especially at high temperature will not surpass the power
dissipation of the package.
To stabilize operation, use a capacitor with a low ESR as a bypass capacitor between the VDD and VSS pins of the IC,
and install and wire it with a short distance and a low impedance. Connect CVREF to the VSS pin.
The main circuit of the IC operates on the internal power supply connected to the CVREF pin. CVREF is a bypass
capacitor that stabilizes the internal power supply. Use a 0.01 to 1
μF ceramic capacitor as CVREF and install and wire
it to assure a short distance and a low impedance.
Switching regulator performance varies depending on the design of PC patterns, peripheral circuits and parts.
Thoroughly evaluate the actual device when setting. When using parts other than those which are recommended,
contact the SII Semiconductor Corporation marketing department.
Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
SII Semiconductor Corporation claims no responsibility for any disputes arising out of or in connection with any
infringement by products including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com