Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 30Page - Seiko Instruments Inc S8340 Datasheet HTML 31Page - Seiko Instruments Inc S8340 Datasheet HTML 32Page - Seiko Instruments Inc S8340 Datasheet HTML 33Page - Seiko Instruments Inc S8340 Datasheet HTML 34Page - Seiko Instruments Inc S8340 Datasheet HTML 35Page - Seiko Instruments Inc S8340 Datasheet HTML 36Page - Seiko Instruments Inc S8340 Datasheet HTML 37Page - Seiko Instruments Inc S8340 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
34
External Parts List for Ripple Data
Table 14 External Parts for Output Current vs. Ripple Voltage Characteristics Data for A Type
No.
Product
Name
Output
Voltage
Inductor
Transistor
Diode
Output Capacitor
Sense
Resistor
Application
(37)
S-8340A25AFT
2.5 V
CDRH5D18/4.1
μH
NDS335N
RB491D
F920J476MB3
× 1
F920J476MB3
× 2
0
Ω
*1
(38)
CDRH124/10
μH
FTS2001
RBO81L-20
F951C476MG1
× 2
F951A107MG1
× 2
*2
(39)
S-8341A25AFT
CDRH5D18/4.1
μH
NDS335N
RB491D
F920J476MB3
× 1
F920J476MB3
× 2
*1
(40)
CDRH124/10
μH
FTS2001
RBO81L-20
F951C476MG1
× 2
F951A107MG1
× 2
*2
(41)
S-8340A33AFT
3.3 V
CDRH5D18/4.1
μH
NDS335N
RB491D
F920J476MB3
× 1
F920J476MB3
× 2
*1
(42)
CDRH124/10
μH
FTS2001
RBO81L-20
F951C476MG1
× 2
F951A107MG1
× 2
*2
(43)
S-8341A33AFT
CDRH5D18/4.1
μH
NDS335N
RB491D
F920J476MB3
× 1
F920J476MB3
× 2
*1
(44)
CDRH124/10
μH
FTS2001
RBO81L-20
F951C476MG1
× 2
F951A107MG1
× 2
*2
(45)
S-8340A50AFT
5.0 V
CDRH5D18/4.1
μH
NDS335N
RB491D
F951A476MF1
× 1
F951A476MF1
× 2
*1
(46)
CDRH124/10
μH
FTS2001
RBO81L-20
F951C476MG1
× 2
F951A107MG1
× 2
*2
(47)
S-8341A50AFT
CDRH5D18/4.1
μH
NDS335N
RB491D
F951A476MF1
× 1
F951A476MF1
× 2
*1
(48)
CDRH124/10
μH
FTS2001
RBO81L-20
F951C476MG1
× 2
F951A107MG1
× 2
*2
*1. CDRH5D18 + NDS335N + RB491D: For small and thin parts of which the height is 2 mm or shorter (The maximum
current of an external part should be set to 1.7 A.)
*2. CDRH124 + FTS2001 + RBO81L-20: For heavy load current (The maximum current of an external part should be set to
4.5 A.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com