Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 45 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 45 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 41Page - Seiko Instruments Inc S8340 Datasheet HTML 42Page - Seiko Instruments Inc S8340 Datasheet HTML 43Page - Seiko Instruments Inc S8340 Datasheet HTML 44Page - Seiko Instruments Inc S8340 Datasheet HTML 45Page - Seiko Instruments Inc S8340 Datasheet HTML 46Page - Seiko Instruments Inc S8340 Datasheet HTML 47Page - Seiko Instruments Inc S8340 Datasheet HTML 48Page - Seiko Instruments Inc S8340 Datasheet HTML 49Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
45
5. Output Current (IOUT) vs. Ripple Voltage (Ripple) Characteristics
The following shows the actual output current (IOUT) vs. ripple voltage (Ripple) characteristics when the S-8340/8341
Series is used under conditions (37) to (60) in Tables 14 and 15.
(37) S-8340A25AFT
0
50
100
150
200
250
300
1
10
100
1000
IOUT (mA)
(CDRH5D18/4.1μH, NDS335N,47μF)
V
IN=1.2V
1.5V
1.8V
0
50
100
150
200
250
300
1
10
100
1000
IOUT (mA)
(CDRH5D18/4.1μH,NDS335N,47μF×2)
V
IN=1.2V
1.5V
1.8V
(38) S-8340A25AFT
0
100
200
300
400
500
600
10
100
1000
10000
IOUT(mA)
(CDRH124/10μH,FTS2001,47μF×2)
1.8V
V
IN=1 .5 V
2.4V
0
100
200
300
400
500
600
10
100
1000
10000
IOUT(mA)
(CDRH124/10μH,FTS2001,100μF×2)
2.4V
V
IN=1 .5 V
1.8V
(39) S-8341A25AFT
0
50
100
150
200
250
300
1
10
100
1000
IOUT(mA)
(CDRH5D18/4.1μH, NDS335N,47μF)
1.8V
1.5V
V
IN=1 .2 V
0
50
100
150
200
250
300
1
10
100
1000
IOUT(mA)
(CDRH5D18/4.1μH, NDS335N,47μF×2)
1.8V
1.5V
V
IN=1 .2 V
(40) S-8341A25AFT
0
100
200
300
400
500
600
10
100
1000
10000
IOUT(mA)
(CDRH124/10μH, FTS2001,47μF×2)
1.8V
V
IN=1 .5 V
2.4V
0
100
200
300
400
500
600
10
100
1000
10000
IOUT(mA)
(CDRH124/10μH,FTS2001,100μF×2)
1.8V
V
IN=1 .5 V
2.4V
(CDRH5D18/4.1
μH, NDS335N, 47 μF)
(CDRH124/10
μH, FTS2000, 47 μF × 2)
(CDRH5D18/4.1
μH, NDS335N, 47 μF × 2)
(CDRH5D18/4.1
μH, NDS335N, 47 μF × 2)
(
CDRH5D18/4.1
μH, NDS335N, 47 μF)
VIN
= 1.2 V
VIN
= 1.2 V
VIN
= 1.5 V
VIN
= 1.5 V
VIN
= 1.5 V
VIN
= 1.5 V
VIN
= 1.2 V
VIN
= 1.2 V
(CDRH5D18/4.1
μH, NDS335N, 47 μF × 2)
IOUT (mA)
IOUT (mA)
IOUT (mA)
IOUT (mA)
IOUT (mA)
IOUT (mA)
IOUT (mA)
IOUT (mA)
IOUT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com