Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S8340 Datasheet HTML 1Page - Seiko Instruments Inc S8340 Datasheet HTML 2Page - Seiko Instruments Inc S8340 Datasheet HTML 3Page - Seiko Instruments Inc S8340 Datasheet HTML 4Page - Seiko Instruments Inc S8340 Datasheet HTML 5Page - Seiko Instruments Inc S8340 Datasheet HTML 6Page - Seiko Instruments Inc S8340 Datasheet HTML 7Page - Seiko Instruments Inc S8340 Datasheet HTML 8Page - Seiko Instruments Inc S8340 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
3
Product Name Structure
The control method, product type, and output voltage values for the S-8340/8341 Series can be selected depending on
usage. Refer to “1. Product Name” for the definition of the product name, “2. Package” regarding the package
drawings and “3. Product Name List” for the full product names.
1. Product Name
S-834 x x xx A FT – T2 – x
Environmental code
U : Lead-free (Sn 100%), halogen-free
G : Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Package name (abbreviation)
FT : 8-Pin TSSOP
Output voltage
25 to 60
(E.g., when the output voltage is 2.5 V, it is expressed as 25.)
Product type
A : Output voltage fixed output type, fOSC = 600 kHz
B : Output voltage external setting type, fOSC = 600 kHz
C : Output voltage fixed output type, fOSC = 300 kHz
D : Output voltage external setting type, fOSC = 300 kHz
Control method
0 : PWM control
1 : PWM/PFM switching control
*1. Refer to the tape drawing.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
8-Pin TSSOP
Environmental code = G
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-SD
Environmental code = U
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com