Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 25Page - Seiko Instruments Inc S8340 Datasheet HTML 26Page - Seiko Instruments Inc S8340 Datasheet HTML 27Page - Seiko Instruments Inc S8340 Datasheet HTML 28Page - Seiko Instruments Inc S8340 Datasheet HTML 29Page - Seiko Instruments Inc S8340 Datasheet HTML 30Page - Seiko Instruments Inc S8340 Datasheet HTML 31Page - Seiko Instruments Inc S8340 Datasheet HTML 32Page - Seiko Instruments Inc S8340 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
29
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
25°C
85°C
Ta
= −40°C
S-8340A50A (fOSC : 600 kHz) / S-8340C50A (fOSC : 300 kHz)
(11) Oscillation Start Voltage (VST) vs. Temperature (Ta) (12) Maximum Duty Ratio (MaxDuty) vs. Supply Voltage
(VDD)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
−40
−20
0
20
40
60
80
Ta (°C)
S-8340A33A (fOSC : 600 kHz) / S-8340C33A (fOSC :300 kHz)
79
80
81
82
83
84
85
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
85°C
25°C
Ta
= −40°C
S-8340A33A (fOSC : 600 kHz) / S-8340C33A (fOSC : 300 kH z)
(13) PWM/PFM Switching Duty Ratio (PFMDuty) vs. Supply Voltage (VDD)
S-8341A33A (fOSC : 600 kHz)
24
25
26
27
28
29
30
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
85°C
25°C
Ta
= −40°C
S-8341C33A (fOSC : 300 kHz)
18
19
20
21
22
23
24
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
85°C
25°C
Ta
= −40°C
(14) Current Limit Detection Ratio (VSENSE) vs. Supply Voltage (VDD)
105
110
115
120
125
130
135
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
85°C
25°C
Ta
= −40°C
S-8340A33A (fOSC : 600 kHz ) / S-8340C33A (fOSC : 300 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com