Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 13Page - Seiko Instruments Inc S8340 Datasheet HTML 14Page - Seiko Instruments Inc S8340 Datasheet HTML 15Page - Seiko Instruments Inc S8340 Datasheet HTML 16Page - Seiko Instruments Inc S8340 Datasheet HTML 17Page - Seiko Instruments Inc S8340 Datasheet HTML 18Page - Seiko Instruments Inc S8340 Datasheet HTML 19Page - Seiko Instruments Inc S8340 Datasheet HTML 20Page - Seiko Instruments Inc S8340 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
17
Operation
1. Switching Control Method
1. 1 PWM Control (S-8340 Series)
The S-8340 Series is a DC-DC converter using a pulse width modulation method (PWM).
In conventional PFM DC-DC converters, pulses are skipped when the output load current is low, causing a
fluctuation in the ripple frequency of the output voltage, resulting in an increase in the ripple voltage.
The switching frequency does not change, although the pulse width changes from 0 to 82% corresponding to each
load current in the S-8340 Series. The ripple voltage generated from switching can thus be eliminated easily
through a filter. When the pulse width is 0% (when no load is applied or the input voltage is high), pulses are
skipped and the current consumption is low.
1. 2 PWM/PFM Switching Control (S-8341 Series)
The S-8341 Series is a DC-DC converter that automatically switches between a pulse width modulation method
(PWM) and a pulse frequency modulation method (PFM) depending on the load current.
The S-8341 Series operates under PWM control with the pulse duty changing from 27 to 82% (A and B types) and
from 21 to 82% (C and D types) in a high output load current area.
The S-8341 Series operates under PFM control with the pulse duty fixed at 27% (A and B types) and at 21% (C and
D types) in a low load current area, and pulses are skipped according to the load current. The oscillation circuit
thus oscillates intermittently so that the resultant lower self current consumption prevents a reduction in the
efficiency at a low load current. The switching point from PWM control to PFM control depends on the external
devices (coil, diode, etc.), and input and output voltage values. The S-8341 Series is an especially highly efficient
DC-DC converter at an output load current around 1 mA.
2. Soft-Start Function
The S-8340/8341 Series has a built-in soft-start circuit.
This circuit enables the output voltage (VOUT) to rise gradually over the specified soft-start time (tSS) to suppress the
overshooting of the output voltage and the rush current from the power supply when the power is switched on or the
ON/OFF pin is changed to “H”.
Generally, a rush current flows to an output capacitor through an inductor and a diode in the step-up circuit
immediately after the power is turned on as shown in Figure 9. Note that the soft-start function of this IC,
however, does not limit this current.
t (2 m s /d iv )
O u t p u t vo ltag e
(1 V /d iv )
R u s h cu rrent
(0. 5 A /d iv )
3 V
0 V
1.5 A
0 A
S -83 40 A 33A F T (V IN
= 0 → 1.9 V , R L = 300 kΩ )
Figure 9 Waveforms of Output Voltage and Rush Current at Soft-Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com