Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 28Page - Seiko Instruments Inc S8340 Datasheet HTML 29Page - Seiko Instruments Inc S8340 Datasheet HTML 30Page - Seiko Instruments Inc S8340 Datasheet HTML 31Page - Seiko Instruments Inc S8340 Datasheet HTML 32Page - Seiko Instruments Inc S8340 Datasheet HTML 33Page - Seiko Instruments Inc S8340 Datasheet HTML 34Page - Seiko Instruments Inc S8340 Datasheet HTML 35Page - Seiko Instruments Inc S8340 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
32
Reference Data
Reference data are intended for use in selecting external parts to the IC.
The information therefore provides
characteristic data in which external parts are selected with a view of wide variety of IC applications. All data shows
typical value.
1. External Parts for Reference Data
Table 10 External Parts List for Output Current vs. Efficiency, Output Current vs. Output Voltage
Characteristics Data for A Type
No.
Product
Name
Output
Voltage
Inductor
Transistor
Diode
Output Capacitor
Sense
Resistor
Application
(1)
S-8340A25AFT
2.5 V
CDRH5D18/4.1
μH
NDS335N
RB491D
F920J476MB3
× 1
0
Ω
*1
(2)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*2
(3)
S-8341A25AFT
CDRH5D18/4.1
μH
NDS335N
RB491D
F920J476MB3
× 1
*1
(4)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*2
(5)
S-8340A33AFT
3.3 V
CDRH5D18/4.1
μH
NDS335N
RB491D
F920J476MB3
× 1
*1
(6)
CDRH124/10
μH
FTS2001
RBO81L-20
F951C476MG1
× 2
*2
(7)
S-8341A33AFT
CDRH5D18/4.1
μH
NDS335N
RB491D
F920J476MB3
× 1
*1
(8)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*2
(9)
S-8340A50AFT
5.0 V
CDRH5D18/4.1
μH
NDS335N
RB491D
F951A476MF1
× 1
*1
(10)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*2
(11)
S-8341A50AFT
CDRH5D18/4.1
μH
NDS335N
RB491D
F951A476MF1
× 1
*1
(12)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*2
*1. CDRH5D18 + NDS335N + RB491D: For small and thin parts of which height is 2 mm or shorter (The maximum current of
an external part should be set to 1.7 A.)
*2. CDRH124 + FTS2001 + RBO81L-20: For heavy load current (The maximum current of an external part should be set to
4.5 A.)
Table 11 External Parts List for Output Current vs. Efficiency, Output Current vs. Output Voltage
Characteristics Data for C Type
No.
Product
Name
Output
Voltage
Inductor
Transistor
Diode
Output Capacitor
Sense
Resistor
Application
(13)
S-8340C25AFT
2.5 V
CDRH6D28/10
μH
FDN335N
RB491D
F951C476MG1
× 1
0
Ω
*3
(14)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*4
(15)
S-8341C25AFT
CDRH6D28/10
μH
FDN335N
RB491D
F951C476MG1
× 1
*3
(16)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*4
(17)
S-8340C33AFT
3.3 V
CDRH6D28/10
μH
FDN335N
RB491D
F951C476MG1
× 1
*3
(18)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*4
(19)
S-8341C33AFT
CDRH6D28/10
μH
FDN335N
RB491D
F951C476MG1
× 1
*3
(20)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*4
(21)
S-8340C50AFT
5.0 V
CDRH6D28/10
μH
FDN335N
RB491D
F951C476MG1
× 1
*3
(22)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*4
(23)
S-8341C50AFT
CDRH6D28/10
μH
FDN335N
RB491D
F951C476MG1
× 1
*3
(24)
CDRH124/10
μH
FTS2001
RBO81L
−20 F951C476MG1 × 2
*4
*3. CDRH6D28 + FDN335N + RB491D: For part height of 3 mm and high efficiency
*4. CDRH124 + FTS2001 + RBO81L-20: For optimizing the load current driveability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com