Electronic Components Datasheet Search
  English  ▼

X  

S8340 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8340 Datasheet HTML 1Page - Seiko Instruments Inc S8340 Datasheet HTML 2Page - Seiko Instruments Inc S8340 Datasheet HTML 3Page - Seiko Instruments Inc S8340 Datasheet HTML 4Page - Seiko Instruments Inc S8340 Datasheet HTML 5Page - Seiko Instruments Inc S8340 Datasheet HTML 6Page - Seiko Instruments Inc S8340 Datasheet HTML 7Page - Seiko Instruments Inc S8340 Datasheet HTML 8Page - Seiko Instruments Inc S8340 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
5
Pin Configurations
Table 3
3
4
2
1
6
5
7
8-Pin TSSOP
Top view
8
Figure 3
Pin No.
Symbol
Pin Description
1
VSS
GND pin
2
CVREF
Reference voltage source pass capacitor connection
pin
3
CSS
Soft-start capacitor connection pin
4
ON/OFF
Shutdown pin
“H” : Normal operation (step-up operating)
“L” : Entire circuit stopped (step-up stopped)
5
VDD
IC power supply pin
6
VOUT
(FB)
Output voltage fixed output type :
Output voltage monitoring pin
[Output voltage external setting type :
Feedback pin]
7
EXT
External transistor connection pin
8
SENSE
Current limit detection pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com