Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 16 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 16 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 12Page - Intel Corporation NG80960JD Datasheet HTML 13Page - Intel Corporation NG80960JD Datasheet HTML 14Page - Intel Corporation NG80960JD Datasheet HTML 15Page - Intel Corporation NG80960JD Datasheet HTML 16Page - Intel Corporation NG80960JD Datasheet HTML 17Page - Intel Corporation NG80960JD Datasheet HTML 18Page - Intel Corporation NG80960JD Datasheet HTML 19Page - Intel Corporation NG80960JD Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
80960JD
10
PRODUCT PREVIEW
HOLDA
O
R(Q)
H(1)
P(Q)
HOLD ACKNOWLEDGE indicates to an external bus master that the processor has
relinquished control of the bus. The processor can grant HOLD requests and enter
the Th state during reset and while halted as well as during regular operation.
0 = hold not acknowledged
1 = hold acknowledged
BSTAT
O
R(0)
H(Q)
P(0)
BUS STATUS indicates that the processor may soon stall unless it has sufficient
access to the bus; see
i960® Jx Microprocessor User’s Guide (272483). Arbitration
logic can examine this signal to determine when an external bus master should
acquire/relinquish the bus.
0 = no potential stall
1 = potential stall
Table 4. Pin Description — Processor Control Signals, Test Signals and Power (Sheet 1 of 2)
NAME
TYPE
DESCRIPTION
CLKIN
I
CLOCK INPUT provides the processor’s fundamental time base; both the processor
core and the external bus run at the CLKIN rate. All input and output timings are
specified relative to a rising CLKIN edge.
RESET
I
A(L)
RESET initializes the processor and clears its internal logic. During reset, the
processor places the address/data bus and control output pins in their idle (inactive)
states.
During reset, the input pins are ignored with the exception of LOCK/ONCE, STEST
and HOLD.
The RESET pin has an internal synchronizer. To ensure predictable processor initial-
ization during power up, RESET must be asserted a minimum of 10,000 CLKIN
cycles with VCC and CLKIN stable. On a warm reset, RESET should be asserted for
a minimum of 15 cycles.
STEST
I
S(L)
SELF TEST enables or disables the processor’s internal self-test feature at initial-
ization. STEST is examined at the end of reset. When STEST is asserted, the
processor performs its internal self-test and the external bus confidence test. When
STEST is deasserted, the processor performs only the external bus confidence test.
0 = self test disabled
1 = self test enabled
FAIL
O
R(0)
H(Q)
P(1)
FAIL indicates a failure of the processor’s built-in self-test performed during initial-
ization. FAIL is asserted immediately upon reset and toggles during self-test to
indicate the status of individual tests:
• When self-test passes, the processor deasserts FAIL and begins operation from
user code.
• When self-test fails, the processor asserts FAIL and then stops executing.
0 = self test failed
1 = self test passed
TCK
I
TEST CLOCK is a CPU input which provides the clocking function for IEEE 1149.1
Boundary Scan Testing (JTAG). State information and data are clocked into the
processor on the rising edge; data is clocked out of the processor on the falling edge.
TDI
I
S(L)
TEST DATA INPUT is the serial input pin for JTAG. TDI is sampled on the rising
edge of TCK, during the SHIFT-IR and SHIFT-DR states of the Test Access Port.
Table 3. Pin Description — External Bus Signals (Sheet 4 of 4)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com