Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 33 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 33 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 29Page - Intel Corporation NG80960JD Datasheet HTML 30Page - Intel Corporation NG80960JD Datasheet HTML 31Page - Intel Corporation NG80960JD Datasheet HTML 32Page - Intel Corporation NG80960JD Datasheet HTML 33Page - Intel Corporation NG80960JD Datasheet HTML 34Page - Intel Corporation NG80960JD Datasheet HTML 35Page - Intel Corporation NG80960JD Datasheet HTML 36Page - Intel Corporation NG80960JD Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
80960JD
PRODUCT PREVIEW
27
RELATIVE OUTPUT TIMINGS
TLX
Address Valid to ALE/ALE Inactive
0.5TC - 5
TLXL
ALE/ALE Width
0.5TC - 7
ns
(9)
TLXA
Address Hold from ALE/ALE Inactive
Equal Loading (9)
TDXD
DT/R Valid to DEN Active
Equal Loading (9)
BOUNDARY SCAN TEST SIGNAL TIMINGS
TBSF
TCK Frequency
0.5TF
MHz
TBSCH
TCK High Time
15
ns
Measured at 1.5 V (1)
TBSCL
TCK Low Time
15
ns
Measured at 1.5 V (1)
TBSCR
TCK Rise Time
5
ns
0.8 V to 2.0 V (1)
TBSCF
TCK Fall Time
5
ns
2.0 V to 0.8 V (1)
TBSIS1
Input Setup to TCK — TDI, TMS
4
ns
TBSIH1
Input Hold from TCK — TDI, TMS
6
ns
TBSOV1
TDO Valid Delay
3
30
ns
(1,10)
TBSOF1
TDO Float Delay
3
30
ns
(1,10)
TBSOV2
All Outputs (Non-Test) Valid Delay
3
30
ns
(1,10)
TBSOF2
All Outputs (Non-Test) Float Delay
3
30
ns
(1,10)
TBSIS2
Input Setup to TCK — All Inputs
(Non-Test)
4ns
TBSIH2
Input Hold from TCK — All Inputs
(Non-Test)
6ns
Table 16. 80960JD AC Characteristics (Sheet 2 of 2)
Symbol
Parameter
Min
Max
Units
Notes
NOTES:
See Table 17 on page 28 for note definitions for this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com