Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 17 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 17 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 13Page - Intel Corporation NG80960JD Datasheet HTML 14Page - Intel Corporation NG80960JD Datasheet HTML 15Page - Intel Corporation NG80960JD Datasheet HTML 16Page - Intel Corporation NG80960JD Datasheet HTML 17Page - Intel Corporation NG80960JD Datasheet HTML 18Page - Intel Corporation NG80960JD Datasheet HTML 19Page - Intel Corporation NG80960JD Datasheet HTML 20Page - Intel Corporation NG80960JD Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
80960JD
PRODUCT PREVIEW
11
TDO
O
R(Q)
HQ)
P(Q)
TEST DATA OUTPUT is the serial output pin for JTAG. TDO is driven on the falling
edge of TCK during the SHIFT-IR and SHIFT-DR states of the Test Access Port. At
other times, TDO floats. TDO does not float during ONCE mode.
TRST
I
A(L)
TEST RESET asynchronously resets the Test Access Port (TAP) controller function
of IEEE 1149.1 Boundary Scan testing (JTAG). When using the Boundary Scan
feature, connect a pulldown resistor between this pin and VSS. If TAP is not used,
this pin must be connected to VSS; however, no resistor is required. See Section 4.3,
Connection Recommendations (pg. 22).
TMS
I
S(L)
TEST MODE SELECT is sampled at the rising edge of TCK to select the operation of
the test logic for IEEE 1149.1 Boundary Scan testing.
VCC
–
POWER pins intended for external connection to a VCC board plane.
VCCPLL
–
PLL POWER is a separate VCC supply pin for the phase lock loop clock generator. It
is intended for external connection to the VCC board plane. In noisy environments,
add a simple bypass filter circuit to reduce noise-induced clock jitter and its effects
on timing relationships.
VCC5
–
5 V REFERENCE VOLTAGE input is the reference voltage for the 5 V-tolerant I/O
buffers. This signal should be connected to +5 V for use with inputs which exceed
3.3 V. If all inputs are from 3.3 V components, this pin should be connected to 3.3 V.
VSS
–
GROUND pins intended for external connection to a VSS board plane.
NC
–
NO CONNECT pins. Do not make any system connections to these pins.
Table 5. Pin Description — Interrupt Unit Signals
NAME
TYPE
DESCRIPTION
XINT7:0
I
A(E/L)
EXTERNAL INTERRUPT pins are used to request interrupt service. The XINT7:0
pins can be configured in three modes:
Dedicated Mode: Each pin is assigned a dedicated interrupt level. Dedicated inputs
can be programmed to be level (low) or edge (falling) sensitive.
Expanded Mode: All eight pins act as a vectored interrupt source. The interrupt pins
are level sensitive in this mode.
Mixed Mode:
The XINT7:5 pins act as dedicated sources and the XINT4:0 pins
act as the five most significant bits of a vectored source. The least
significant bits of the vectored source are set to 0102 internally.
Unused external interrupt pins should be connected to VCC.
NMI
I
A(E)
NON-MASKABLE INTERRUPT causes a non-maskable interrupt event to occur.
NMI is the highest priority interrupt source and is falling edge-triggered. If NMI is
unused, it should be connected to VCC.
Table 4. Pin Description — Processor Control Signals, Test Signals and Power (Sheet 2 of 2)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com