Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 58 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 58 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 51Page - Intel Corporation NG80960JD Datasheet HTML 52Page - Intel Corporation NG80960JD Datasheet HTML 53Page - Intel Corporation NG80960JD Datasheet HTML 54Page - Intel Corporation NG80960JD Datasheet HTML 55Page - Intel Corporation NG80960JD Datasheet HTML 56Page - Intel Corporation NG80960JD Datasheet HTML 57Page - Intel Corporation NG80960JD Datasheet HTML 58Page - Intel Corporation NG80960JD Datasheet HTML 59Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
80960JD
52
PRODUCT PREVIEW
NOTE: This data sheet applies to the 80960JD C0 stepping.
Table 23. Fields of 80960JD Device ID
Field
Value
Definition
Version
See Table 25
Indicates major stepping changes.
VCC
0 = 3.3 V device
1 = 5V device
Indicates that a device is 3.3 V or 5.0 V.
Product Type
00 0100
(Indicates i960 CPU)
Designates type of product.
Generation Type 0001 = J-series
Indicates the generation (or series) of product.
Model
D000C
D = Clock Doubled
(0) Not Clock-Doubled
(1) Clock Doubled
C = Cache Size
(0) 4K I-cache, 2K D-cache
(1) 2K I-cache, 1K D-cache
Indicates member within a series and specific model
information.
Manufacturer ID
000 0000 1001
(Indicates Intel)
Manufacturer ID assigned by IEEE.
Table 24. 80960JD Device ID Model Types
Device
Version
VCC
Product
Gen.
Model
Manufacturer ID
‘1’
80960JD A, A2
See
Table 25
1
000100
0001
00000
00000001001
1
80960JD C0
0
000100
0001
10000
00000001001
1
Table 25. Device ID Version Numbers for Different Steppings
Stepping
Version
A0
0000
A2
0000
C0
0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com