Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 7 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 7 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 3Page - Intel Corporation NG80960JD Datasheet HTML 4Page - Intel Corporation NG80960JD Datasheet HTML 5Page - Intel Corporation NG80960JD Datasheet HTML 6Page - Intel Corporation NG80960JD Datasheet HTML 7Page - Intel Corporation NG80960JD Datasheet HTML 8Page - Intel Corporation NG80960JD Datasheet HTML 9Page - Intel Corporation NG80960JD Datasheet HTML 10Page - Intel Corporation NG80960JD Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
80960JD
PRODUCT PREVIEW
1
1.0
PURPOSE
This document contains preview information for the
80960JD
microprocessor,
including
electrical
characteristics and package pinout information.
Detailed
functional
descriptions
—
other
than
parametric performance — are published in the
i960® Jx Microprocessor User’s Guide (272483).
Throughout this data sheet, references to “80960Jx”
indicate features which apply to all of the following:
• 80960JA — 5V, 2 Kbyte instruction cache, 1 Kbyte
data cache
• 80L960JA — 3.3 V version of the 80960JA
• 80960JD — 5V, 4 Kbyte instruction cache, 2 Kbyte
data cache and clock doubling
• 80960JD — 3.3V, 5V Tolerant version of the
80960JD
• 80960JF — 5V, 4 Kbyte instruction cache, 2 Kbyte
data cache
• 80L960JF — 3.3 V version of the 80960JF
2.0
80960JD OVERVIEW
The 80960JD offers high performance to cost-
sensitive
32-bit
embedded
applications.
The
80960JD is object code compatible with the 80960
Core Architecture and is capable of sustained
execution at the rate of one instruction per clock.
This
processor’s
features
include
generous
instruction cache, data cache and data RAM. It also
boasts a fast interrupt mechanism, dual program-
mable timer units and new instructions.
The 80960JD’s clock doubler operates the processor
core at twice the bus clock rate to improve execution
performance without increasing the complexity of
board designs.
Memory subsystems for cost-sensitive embedded
applications often impose substantial wait state
penalties. The 80960JD integrates considerable
storage
resources
on-chip
to
decouple
CPU
execution from the external bus.
The 80960JD rapidly allocates and deallocates local
register sets during context switches. The processor
needs to flush a register set to the stack only when it
saves more than seven sets to its local register cache.
A 32-bit multiplexed burst bus provides a high-speed
interface
to
system
memory
and
I/O.
A
full
complement
of
control
signals
simplifies
the
connection of the 80960JD to external components.
The user programs physical and logical memory
attributes through memory-mapped control registers
(MMRs) — an extension not found on the i960 Kx,
Sx or Cx processors. Physical and logical configu-
ration registers enable the processor to operate with
all combinations of bus width and data object
alignment. The processor supports a homogeneous
byte ordering model.
This processor integrates two important peripherals:
a timer unit and an interrupt controller. These and
other hardware resources are programmed through
memory-mapped control registers, an extension to
the familiar 80960 architecture.
The timer unit (TU) offers two independent 32-bit
timers for use as real-time system clocks and
general-purpose system timing. These operate in
either single-shot or auto-reload mode and can
generate interrupts.
The interrupt controller unit (ICU) provides a flexible
means for requesting interrupts. The ICU provides
full programmability of up to 240 interrupt sources
into 31 priority levels. The ICU takes advantage of a
cached priority table and optional routine caching to
minimize interrupt latency. Clock doubling reduces
interrupt
latency
by
40%
compared
to
the
80960JA/JF. Local registers may be dedicated to
high-priority interrupts to further reduce latency.
Acting independently
from
the core,
the ICU
compares the priorities of posted interrupts with the
current process priority, off-loading this task from the
core. The ICU also supports the integrated timer
interrupts.
The 80960JD features a Halt mode designed to
support applications where low power consumption
is critical. The halt instruction shuts down instruction
execution, resulting in a power savings of up to 90
percent.
The 80960JD’s testability features, including ONCE
(On-Circuit Emulation) mode and Boundary Scan
(JTAG), provide a powerful environment for design
debug and fault diagnosis.
The Solutions960® program features a wide variety
of
development tools which support the i960
processor family. Many of these tools are developed
by partner companies; some are developed by Intel,
such as profile-driven optimizing compilers. For
more information on these products, contact your
local Intel representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com